Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3280AE Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3280AE
Description  Dual, 9MHz, Operational Transconductance Amplifier (OTA)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3280AE Datasheet(HTML) 2 Page - Intersil Corporation

  CA3280AE Datasheet HTML 1Page - Intersil Corporation CA3280AE Datasheet HTML 2Page - Intersil Corporation CA3280AE Datasheet HTML 3Page - Intersil Corporation CA3280AE Datasheet HTML 4Page - Intersil Corporation CA3280AE Datasheet HTML 5Page - Intersil Corporation CA3280AE Datasheet HTML 6Page - Intersil Corporation CA3280AE Datasheet HTML 7Page - Intersil Corporation CA3280AE Datasheet HTML 8Page - Intersil Corporation CA3280AE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
.
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+ and V-) . . . . . . . . . . . . . . . . . . . .+36V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Input Current at ID = 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100µA
Amplifier Bias Current (IABC). . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Output Short Circuit Duration (Note 2). . . . . . . . . . . . . . . . Indefinite
Linearizing Diode Bias Current, ID. . . . . . . . . . . . . . . . . . . . . . . 5mA
Peak Input Current with Linearizing Diode. . . . . . . . . . . . . . . . . .
±I
D
Operating Conditions
Temperature Range
CA3280 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
CA3280A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Supply Voltage Range (Typ) . . . . . . . . . . . . . . . . . . . . .
±2V to ±15V
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
90
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Short circuit may be applied to ground or to either supply.
Electrical Specifications
For Equipment Design, at TA = 25
oC, V
SUPPLY = ±15V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
CA3280
CA3280A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
IABC = 1mA
-
-
3
-
-
0.5
mV
IABC = 100µA
-
0.7
3
-
0.25
0.5
mV
IABC = 10µA-
-
3
-
-
0.5
mV
IABC = 1mA to 10µA,
TA = Full Temp. Range
-
0.8
4
-
0.8
1.5
mV
Input Offset Voltage Drift
|
∆VIO|IABC = 1µA to 1mA
-
0.5
1
-
0.5
1
mV
IABC = 100µA, TA = Full
Temperature Range
-5
-
-
3
5
µV/oC
Amplifier Bias Voltage
VABC
IABC = 100µA-
1.2
-
-
1.2
-
V
Peak Output Voltage
VOM+IABC = 500µA
12
13.7
-
12.5
13.7
-
V
VOM-
12
-14.3
-
-13.3
-14.3
-
V
VOM+IABC = 5µA
12
13.9
-
12.5
13.9
-
V
VOM-
12
-14.5
-
-13.5
-14.5
-
V
Common Mode Input Voltage
Range
VICR
IABC = 100µA-13
-
13
-13
-
13
V
Noise Voltage
eN
IABC = 500µA
10Hz
-
20
-
-
20
-
nV/
√Hz
1kHz
-
8
-
-
8
-
nV/
√Hz
10kHz
-
7
-
-
7
-
nV/
√Hz
Input Offset Current
IIO
IABC = 500µA
-Z
0.3
0.7
-
0.3
0.7
µA
Input Bias Current
IIB
IABC = 500µA-
1.8
5
-
1.8
5
µA
IABC = 500µA, TA = Full
Temperature Range
-3
8
-
3
8
µA
CA3280, CA3280A


Similar Part No. - CA3280AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280AE INTERSIL-CA3280AE Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3280AE RENESAS-CA3280AE Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3280AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com