Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37940J5221D570 Datasheet(PDF) 7 Page - EPCOS

Part # B37940J5221D570
Description  Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37940J5221D570 Datasheet(HTML) 7 Page - EPCOS

Back Button B37940J5221D570 Datasheet HTML 3Page - EPCOS B37940J5221D570 Datasheet HTML 4Page - EPCOS B37940J5221D570 Datasheet HTML 5Page - EPCOS B37940J5221D570 Datasheet HTML 6Page - EPCOS B37940J5221D570 Datasheet HTML 7Page - EPCOS B37940J5221D570 Datasheet HTML 8Page - EPCOS B37940J5221D570 Datasheet HTML 9Page - EPCOS B37940J5221D570 Datasheet HTML 10Page - EPCOS B37940J5221D570 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Multilayer Ceramic Capacitors
20
10/02
C0G
Ordering codes and packing for C0G, 50 VDC, nickel-barrier terminations
Case size 0402, 50 VDC
Chip thickness
Cardboard tape,
∅ 180-mm reel
Cardboard tape,
∅ 330-mm reel
**
60
**
70
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
3,3 pF
B37920K5030C3**
0,5
± 0,05
10 000
50000
3,9 pF
B37920K5030C9**
0,5
± 0,05
10 000
50000
4,7 pF
B37920K5040C7**
0,5
± 0,05
10 000
50000
5,6 pF
B37920K5050D6**
0,5
± 0,05
10 000
50000
6,8 pF
B37920K5060D8**
0,5
± 0,05
10 000
50000
8,2 pF
B37920K5080D2**
0,5
± 0,05
10 000
50000
10, pF
B37920K5100J0**
0,5
± 0,05
10 000
50000
12, pF
B37920K5120J0**
0,5
± 0,05
10 000
50000
15, pF
B37920K5150J0**
0,5
± 0,05
10 000
50000
18, pF
B37920K5180J0**
0,5
± 0,05
10 000
50000
22, pF
B37920K5220J0**
0,5
± 0,05
10 000
50000
27, pF
B37920K5270J0**
0,5
± 0,05
10 000
50000
33, pF
B37920K5330J0**
0,5
± 0,05
10 000
50000
39, pF
B37920K5390J0**
0,5
± 0,05
10 000
50000
47, pF
B37920K5470J0**
0,5
± 0,05
10 000
50000
56, pF
B37920K5560J0**
0,5
± 0,05
10 000
50000
68, pF
B37920K5680J0**
0,5
± 0,05
10 000
50000
82, pF
B37920K5820J0**
0,5
± 0,05
10 000
50000
100, pF
B37920K5101J0**
0,5
± 0,05
10 000
50000
^
^
1) Capacitance values
< 3,3 pF and > 100 pF on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 16.
C0G; 0402


Similar Part No. - B37940J5221D570

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37940K1100J060 EPCOS-B37940K1100J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1100J070 EPCOS-B37940K1100J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J060 EPCOS-B37940K1101J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J070 EPCOS-B37940K1101J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1102J062 EPCOS-B37940K1102J062 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
More results

Similar Description - B37940J5221D570

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com