Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1854A Datasheet(PDF) 9 Page - Intersil Corporation

Part # CDP1854A
Description  High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CDP1854A Datasheet HTML 4Page - Intersil Corporation CDP1854A Datasheet HTML 5Page - Intersil Corporation CDP1854A Datasheet HTML 6Page - Intersil Corporation CDP1854A Datasheet HTML 7Page - Intersil Corporation CDP1854A Datasheet HTML 8Page - Intersil Corporation CDP1854A Datasheet HTML 9Page - Intersil Corporation CDP1854A Datasheet HTML 10Page - Intersil Corporation CDP1854A Datasheet HTML 11Page - Intersil Corporation CDP1854A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Dynamic Electrical Specifications tR, tF = 15ns, VIH = VDD, VIL = VSS, CL = 100pF, (See Figure 6)
PARAMETER
VDD
(V)
LIMITS
UNITS
-55oC, +25oC+125oC
MIN
MAX
MIN
MAX
TRANSMITTER TIMING - MODE 0
Clock Period
tCC
5
240
-
280
-
ns
10
120
-
145
-
ns
Pulse Width
Clock Low Level
tCL
5
105
-
125
-
ns
10
55
-
65
-
ns
Clock High Level
tCH
5
135
-
155
-
ns
10
65
-
80
-
ns
THRL
tTHTH
5
140
-
165
-
ns
10
80
-
85
-
ns
Setup Time
THRL to Clock
tTHC
5
205
-
235
-
ns
10
120
-
140
-
ns
Data to THRL
tDT
525
-
30
-
ns
10
20
-
25
-
ns
Hold Time
Data after THRL
tTD
560
-
95
-
ns
10
45
-
75
-
ns
Propagation Delay Time
Clock to Data Start Bit
tCD
5
-
435
-
505
ns
10
-
205
-
235
ns
Clock to THRE
tCT
5
-
345
-
420
ns
10
-
175
-
200
ns
THRL to THRE
tTTHR
5
-
275
-
325
ns
10
-
145
-
165
ns
Clock to TSRE
tTTS
5
-
345
-
405
ns
10
-
165
-
190
ns
CDP1854A/3, CDP1854AC/3


Similar Part No. - CDP1854A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854A/3 INTERSIL-CDP1854A/3 Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854AC INTERSIL-CDP1854AC Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854AC/3 INTERSIL-CDP1854AC/3 Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854ACD INTERSIL-CDP1854ACD Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
More results

Similar Description - CDP1854A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1854 INTERSIL-CDP1854 Datasheet
56Kb / 12P
   High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
CDP6402 INTERSIL-CDP6402 Datasheet
213Kb / 12P
   CMOS Universal Asynchronous Receiver/Transmitter (UART)
HD-6402 INTERSIL-HD-6402_05 Datasheet
218Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
CDP6402 HARRIS-CDP6402 Datasheet
68Kb / 12P
   CMOS Universal Asynchronous Receiver/Transmitter (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com