Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1854A3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1854A3
Description  High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854A3 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1854A3 Datasheet HTML 1Page - Intersil Corporation CDP1854A3 Datasheet HTML 2Page - Intersil Corporation CDP1854A3 Datasheet HTML 3Page - Intersil Corporation CDP1854A3 Datasheet HTML 4Page - Intersil Corporation CDP1854A3 Datasheet HTML 5Page - Intersil Corporation CDP1854A3 Datasheet HTML 6Page - Intersil Corporation CDP1854A3 Datasheet HTML 7Page - Intersil Corporation CDP1854A3 Datasheet HTML 8Page - Intersil Corporation CDP1854A3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
TM
Features
• Two Operating Modes
- Mode 0 - Functionally Compatible with Industry
Types Such as the TR1602A and CDP6402
- Mode 1 - Interfaces Directly with CDP1800 Series
Microprocessors without Additional Components
• Full or Half-Duplex Operation
• Parity, Framing, and Overrun Error Detection
• Fully Programmable with Externally Selectable Word
Length (5-8 Bits), Parity Inhibit, Even/Odd Parity, and
1, 1-1/2, or 2 Stop Bits
Description
The CDP1854A/3 and CDP1854AC/3 are high reliability
silicon gate CMOS Universal Asynchronous Receiver/Trans-
mitter (UART) circuits. They are designed to provide the
necessary formatting and control for interfacing between
serial and parallel data. For example, these UARTs can be
used to interface between a peripheral or terminal with serial
I/O ports and the 8-bit CDP1800-series microprocessor
parallel data bus system. The CDP1854A/3 is capable of full
duplex operation, i.e., simultaneous conversion of serial
input data to parallel output data and parallel input data to
serial output data.
The CDP1854A/3 UART can be programmed to operate in
one of two modes by using the mode control input. When the
mode input is high (MODE = 1), the CDP1854A/3 is directly
compatible with the CDP1800 series microprocessor system
without additional interface circuitry. When the mode input is
low (MODE = 0), the device is functionally compatible with
industry standard UARTs such as the TR1602A and
CDP6402. It is also pin compatible with these types, except
that pin 2 is used for the mode control input.
The CDP1854A/3 and the CDP1854AC/3 are functionally
identical. The CDP1854A/3 has a recommended operating
voltage range of 4V to 10.5V, and the CDP1854AC/3 has a
recommended operating voltage range of 4V to 6.5V.
Ordering Information
PACK-
AGE
TEMP.
RANGE
5V/200K
BAUD
10V/400K
BAUD
PKG.
NO.
SBDIP
-55oC to +125oC CDP1854ACD3 CDP1854ACD3 D40.6
Pinouts
CDP1854A/3, CDP1854AC/3 (SBDIP) (MODE 0)
TOP VIEW
CDP1854A/3, CDP1854AC/3 (SBDIP) (MODE 1)
TOP VIEW
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
VDD
MODE (VSS)
VSS
RRD
R BUS 7
R BUS 6
R BUS 5
R BUS 4
R BUS 3
R BUS 2
R BUS 1
R BUS 0
PE
FE
OE
SFD
R CLOCK
DAR
DA
SDI
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
T CLOCK
EPE
WLS 1
WLS 2
SBS
PI
CRL
T BUS 7
T BUS 6
T BUS 5
T BUS 4
T BUS 3
T BUS 2
T BUS 1
T BUS 0
SD0
TSRE
THRL
THRE
MR
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
VDD
MODE (VDD)
VSS
CS2
R BUS 7
R BUS 6
R BUS 5
R BUS 4
R BUS 3
R BUS 2
R BUS 1
R BUS 0
INT
FE
PE/OE
RSEL
R CLOCK
TPB
DA
SDI
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
T CLOCK
CTS
ES
PS1
NC
CS3
RD/WR
T BUS 7
T BUS 6
T BUS 5
T BUS 4
T BUS 3
T BUS 2
T BUS 1
T BUS 0
SD0
RTS
CS1
THRE
CLEAR
NC = NO CONNECT
March 1997
CDP1854A/3,
CDP1854AC/3
High Reliability CMOS Programmable Universal
Asynchronous Receiver/Transmitter (UART)
File Number
1715.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - CDP1854A3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854A/3 INTERSIL-CDP1854A/3 Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854AC INTERSIL-CDP1854AC Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854AC/3 INTERSIL-CDP1854AC/3 Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854ACD INTERSIL-CDP1854ACD Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
More results

Similar Description - CDP1854A3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1854 INTERSIL-CDP1854 Datasheet
56Kb / 12P
   High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
CDP6402 INTERSIL-CDP6402 Datasheet
213Kb / 12P
   CMOS Universal Asynchronous Receiver/Transmitter (UART)
HD-6402 INTERSIL-HD-6402_05 Datasheet
218Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
CDP6402 HARRIS-CDP6402 Datasheet
68Kb / 12P
   CMOS Universal Asynchronous Receiver/Transmitter (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com