Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP601 Datasheet(PDF) 3 Page - Intersil Corporation

Part # SP601
Description  Half Bridge 500VDC Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP601 Datasheet(HTML) 3 Page - Intersil Corporation

  SP601 Datasheet HTML 1Page - Intersil Corporation SP601 Datasheet HTML 2Page - Intersil Corporation SP601 Datasheet HTML 3Page - Intersil Corporation SP601 Datasheet HTML 4Page - Intersil Corporation SP601 Datasheet HTML 5Page - Intersil Corporation SP601 Datasheet HTML 6Page - Intersil Corporation SP601 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Upper/Lower Source Impedances (ISOURCE = 10mA)
RSO L/U
+25oC12
17
23
-40oC to +85oC
7
17
29
Upper/Lower Sink Impedances (ISINK = 10mA)
RSI L/U
+25oC
8
12
16
-40oC to +85oC
5
12
20
Bootstrap Supply Current Limiting Impedance
RBS
+25oC2
3.5
5
-40oC to +85oC
1.4
3.5
5.6
Noise Dropping Resistor Impedance
RND
+25oC
6
10
14
-40oC to +85oC
5.4
10
14.6
High Voltage Leakage (500V VBS, VOUT, PHASE,
TRIPU, CL2, G1U, G2U, and D1U to VSS.
All other Pins at VSS)
ILK
+25oC-
1
3
µA
Miller Clamp Diodes; D1U and D1L (ID = 10mA)
VD1U/L
+25oC
0.4
0.9
1.4
V
Noise Clamping Zeners; CL2 and CL1 (IZ = 10mA)
VCL2/1-LOW
+25oC
6.35
6.61
6.85
V
-40oC to +85oC
6.15
6.61
7.15
V
Noise Clamping Zeners; CL2 and CL1 (IZ = 50mA)
VCL2/1-
HIGH
+25oC
7.0
8.5
8.0
V
VOUT Limiting Resistance
RO
+25oC2
3.5
5
-40oC to +85oC
1.4
3.5
5.6
NOTE: Maximum Steady State
÷ 15VDC Supply Current = IBIAS
L ÷ IBS
Switching Specifications (All Referenced to VSS, Except: TRIPU, Cl2, G1U, G2U, and D1U Referenced to PHASE.
DF: VDF to VBS, CF: VBS to PHASE)
PARAMETER
SYMBOL
TEMP
MIN
TYP
MAX
UNITS
Refresh One Shot Timer
tREF
+25oC
200
350
500
µs
-40oC to +85oC
180
350
540
µs
Delay Time of Trip I/U Voltage (ITRIPSEL low) to
G2U/G2L Low (50% Overdrive
tOFFTN
+25oC
234
µs
-40oC to +85oC
1.85
3
4.35
µs
Delay Time of Trip I Voltage (ITRIPSEL low) to
Faultbar Low
tFN
+25oC
234
µs
-40oC to +85oC
1.85
3
4.35
µs
Delay Time of Phase Out of Status to Faultbar
Low (TOP High)
tOSVF
+25oC
500
700
900
ns
-40oC to +85oC
400
700
1050
ns
Minimum Logic Input Pulse Width: TOP and
BOTTOM
tMINIW
+25oC
300
430
600
ns
-40oC to +85oC
275
430
660
ns
Minimum G1U/G1L On Time
tON
+25oC
1.6
2.3
3.1
µs
-40oC to +85oC
1.5
2.4
3.4
µs
Minimum Pulsed Off Time, G2U/G2L
tOFF
+25oC
1.3
2.0
3.4
µs
-40oC to +85oC
1.05
2.1
3.9
µs
Turn On Delay Time of G1U (BISTATE MODE)
tOND
+25oC
2.5
3.2
4.5
µs
-40oC to +85oC
2.1
3.3
5.2
µs
Turn On Delay Time of G1L (BISTATE MODE)
tOND
+25oC
2.5
3.2
4.5
µs
-40oC to +85oC
2.1
3.3
5.2
µs
Turn On Delay Time of G1U
(THREE-STATE MODE)
tOND
+25oC
0.75
1.0
1.5
µs
-40oC to +85oC
0.60
1.1
1.75
µs
Electrical Specifications (VBIAS = 15V, Pulsed <300ms), Unless Otherwise Noted, All Parameters Referenced to VSS Except TRIPU,
CL2, G1U, D1U, and VBS Referenced to PHASE. DF: VDF to VBS, CF: VBS to PHASE (Continued)
PARAMETER
SYMBOL
TEMP
MIN
TYP
MAX
UNITS
SP601


Similar Part No. - SP601

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6012 SYNC-POWER-SP6012 Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
SP6012S10RG SYNC-POWER-SP6012S10RG Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
SP6012S10RGB SYNC-POWER-SP6012S10RGB Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
SP6013 SYNC-POWER-SP6013 Datasheet
204Kb / 7P
   Synchronous Rectifier Driver
SP6013A SYNC-POWER-SP6013A Datasheet
237Kb / 7P
   Synchronous Rectifier Driver
More results

Similar Description - SP601

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIP2500 HARRIS-HIP2500 Datasheet
100Kb / 9P
   Half Bridge 500VDC Driver
logo
Intersil Corporation
SP600 INTERSIL-SP600 Datasheet
74Kb / 7P
   Half Bridge 500VDC Driver
logo
Renesas Technology Corp
HIP2500 RENESAS-HIP2500 Datasheet
603Kb / 9P
   Half Bridge 500VDC Driver
File Number 2801.9
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com