Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43220JC-33 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP43220JC-33
Description  Decimating Digital Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43220JC-33 Datasheet(HTML) 1 Page - Intersil Corporation

  HSP43220JC-33 Datasheet HTML 1Page - Intersil Corporation HSP43220JC-33 Datasheet HTML 2Page - Intersil Corporation HSP43220JC-33 Datasheet HTML 3Page - Intersil Corporation HSP43220JC-33 Datasheet HTML 4Page - Intersil Corporation HSP43220JC-33 Datasheet HTML 5Page - Intersil Corporation HSP43220JC-33 Datasheet HTML 6Page - Intersil Corporation HSP43220JC-33 Datasheet HTML 7Page - Intersil Corporation HSP43220JC-33 Datasheet HTML 8Page - Intersil Corporation HSP43220JC-33 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
HSP43220
Decimating Digital Filter
The HSP43220 Decimating Digital Filter is a linear phase
low pass decimation filter which is optimized for filtering
narrow band signals in a broad spectrum of a signal
processing applications. The HSP43220 offers a single chip
solution to signal processing applications which have
historically required several boards of ICs. This reduction in
component count results in faster development times as well
as reduction of hardware costs.
The HSP43220 is implemented as a two stage filter
structure. As seen in the block diagram, the first stage is a
high order decimation filter (HDF) which utilizes an efficient
sample rate reduction technique to obtain decimation up to
1024 through a coarse low-pass filtering process. The HDF
provides up to 96dB aliasing rejection in the signal pass
band. The second stage consists of a finite impulse
response (FIR) decimation filter structured as a transversal
FIR filter with up to 512 symmetric taps which can implement
filters with sharp transition regions. The FIR can perform
further decimation by up to 16 if required while preserving
the 96dB aliasing attenuation obtained by the HDF. The
combined total decimation capability is 16,384.
The HSP43220 accepts 16-bit parallel data in 2’s
complement format at sampling rates up to 33MSPS. It
provides a 16-bit microprocessor compatible interface to
simplify the task of programming and three-state outputs to
allow the connection of several ICs to a common bus. The
HSP43220 also provides the capability to bypass either the
HDF or the FIR for additional flexibility.
Features
• Single Chip Narrow Band Filter with up to 96dB
Attenuation
• DC to 33MHz Clock Rate
• 16-Bit 2’s Complement Input
• 20-Bit Coefficients in FIR
• 24-Bit Extended Precision Output
• Programmable Decimation up to a Maximum of 16,384
• Standard 16-Bit Microprocessor Interface
• Filter Design Software Available DECIMATE™
• Up to 512 Taps
Applications
• Very Narrow Band Filters
• Zoom Spectral Analysis
• Channelized Receivers
• Large Sample Rate Converter
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HSP43220JC-25
0 to 0
84 Ld PLCC
N84.1.15
HSP43220JC-33
0 to 70
84 Ld PLCC
N84.1.15
DECIMATE Software Development Tool (This software tool may be
downloaded from our Internet site: www.intersil.com)
INPUT CLOCK
DATA INPUT
DATA OUT
FIR CLOCK
DECIMATION UP TO 1024
DECIMATION UP TO 16
DATA READY
24
CONTROL AND COEFFICIENTS
16
16
FIR
DECIMATION
FILTER
HIGH ORDER
DECIMATION
FILTER
Data Sheet
July 2004
FN2486.9
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2000, 2004. All Rights Reserved
DECIMATE™ is a trademark of Intersil Corporation.


Similar Part No. - HSP43220JC-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43220JC-33 INTERSIL-HSP43220JC-33 Datasheet
634Kb / 21P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220JC-33 RENESAS-HSP43220JC-33 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
logo
Intersil Corporation
HSP43220JC-33Z INTERSIL-HSP43220JC-33Z Datasheet
634Kb / 21P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220JC-33Z RENESAS-HSP43220JC-33Z Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
More results

Similar Description - HSP43220JC-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Intersil Corporation
DECIMATE INTERSIL-DECIMATE Datasheet
48Kb / 5P
   Decimating Digital Filter Development Software
May 1999
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com