Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLH17BN1522R0P2M Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # PLH17BN1522R0P2M
Description  EMI Suppression Filters for AC Power Lines
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLH17BN1522R0P2M Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button PLH17BN1522R0P2M Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLH17BN1522R0P2M Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLH17BN1522R0P2M Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLH17BN1522R0P2M Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLH17BN1522R0P2M Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLH17BN1522R0P2M Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLH17BN1522R0P2M Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PLH17BN1522R0P2M Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PLH17BN1522R0P2M Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
10
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
PLH10 Series
The PLH10 series is a common mode choke coil for high
frequency use. The same dimensions as the PLA10 series
enables flexible design.
s Features
1. High performance in high frequency range
2. Low profile in vertical core layout
3. Compact and light weight
18 max.
13
±0.5
(in mm)
10
±0.5
16 max.
ø0.9 max.
(4)
[(1)]
(3)
[(2)]
(4)
[(3)]
(1)
[(2)]
Part Number
Common Mode Inductance
(min.)
(
µH)
Rated Current
(A)
Rated Voltage
(V)
Insulation Resistance
(min.)
(M ohm)
PLH10AN7003R6P2
70
3.6
300
100
PLH10AN1112R6P2
110
2.6
300
100
PLH10AN1612R1P2
160
2.1
300
100
PLH10AN2211R5P2
220
1.5
300
100
PLH10AN2911R2P2
290
1.2
300
100
PLH10AN3711R0P2
370
1.0
300
100
Operating Temperature Range (Ambient Temperature Range + Winding Temperature Rise): -25
°C to 120°C
Winding Temperature Rise (at Rated Current) (max.): 60K
s Equivalent Circuit Diagram
(1)
(4)
(2)
(3)
N1
N2
N1 : N2 = 1 : 1
s Insertion Loss-Frequency Characteristics
Frequency (MHz)
0.1
1.0
10
1000
0
10
20
30
40
50
100
PLH10AN1112R6P2
PLH10AN1612R1P2
PLH10AN2211R5P2
PLH10AN2911R2P2
PLH10AN3711R0P2
PLH10AN7003R6P2
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C09E.pdf
06.2.9


Similar Part No. - PLH17BN1522R0P2M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLH10AN1112R6P2B MURATA-PLH10AN1112R6P2B Datasheet
199Kb / 3P
   Operating Temperature Range
PLH10AN1612R1P2B MURATA-PLH10AN1612R1P2B Datasheet
201Kb / 3P
   Operating Temperature Range
PLH10AN2211R5P2B MURATA-PLH10AN2211R5P2B Datasheet
199Kb / 3P
   Operating Temperature Range
PLH10AN2911R2P2B MURATA-PLH10AN2911R2P2B Datasheet
201Kb / 3P
   Operating Temperature Range
PLH10AN3711R0P2B MURATA-PLH10AN3711R0P2B Datasheet
199Kb / 3P
   Operating Temperature Range
More results

Similar Description - PLH17BN1522R0P2M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
EPCOS
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com