Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45106 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HSP45106
Description  16-Bit Numerically Controlled Oscillator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45106 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HSP45106_04 Datasheet HTML 5Page - Intersil Corporation HSP45106_04 Datasheet HTML 6Page - Intersil Corporation HSP45106_04 Datasheet HTML 7Page - Intersil Corporation HSP45106_04 Datasheet HTML 8Page - Intersil Corporation HSP45106_04 Datasheet HTML 9Page - Intersil Corporation HSP45106_04 Datasheet HTML 10Page - Intersil Corporation HSP45106_04 Datasheet HTML 11Page - Intersil Corporation HSP45106_04 Datasheet HTML 12Page - Intersil Corporation HSP45106_04 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Absolute Maximum Ratings TA = 25°C
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Input, Output or I/O Voltage Applied . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.75V to +5.25V
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W) θJC (°C/W)
PLCC Package. . . . . . . . . . . . . . . . . . .
36
N/A
Maximum Junction Temperature
PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Lead Temperature (Soldering, 10s). . . . . . . . . . . . . . . . . . . . . 300°C
Die Characteristics
Backside Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC = 5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
High Level Clock Input
VIHC
VCC = 5.25V
3.0
-
V
Low Level Clock Input
VILC
VCC = 4.75V
-
0.8
V
Output HIGH Voltage
VOH
IOH = -400µA, VCC = 4.75V
2.6
-
V
Output LOW Voltage
VOL
IOL = +2.0mA, VCC = 4.75V
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND, VCC = 5.25V
-10
10
µA
I/O Leakage Current
IO
VOUT = VCC or GND, VCC = 5.25V
-10
10
µA
Standby Power Supply Current
ICCSB
VIN = VCC or GND, VCC = 5.25V, Note 4
-
500
µA
Operating Power Supply Current
ICCOP
f = 25.6MHz, VIN = VCC or GND
VCC = 5.25V, Notes 2 and 4
-
180
mA
Capacitance TA = 25°C, Note 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Input Capacitance
CIN
FREQ = 1MHz, VCC = Open. All
measurements are referenced to device
ground
-
10
pF
Output Capacitance
CO
-
10
pF
NOTES:
2. Power supply current is proportional to operating frequency. Typical rating for ICCOP is 7mA/MHz.
3. Not tested, but characterized at initial design and at major process/design changes.
4. Output load per test load circuit with switch open and CL = 40pF.
HSP45106


Similar Part No. - HSP45106_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106/883 INTERSIL-HSP45106/883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
HSP45106GC-33 INTERSIL-HSP45106GC-33 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45106GM-25/883 INTERSIL-HSP45106GM-25/883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
HSP45106JC-25 INTERSIL-HSP45106JC-25 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
More results

Similar Description - HSP45106_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com