Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37940J1100D572 Datasheet(PDF) 2 Page - EPCOS

Part # B37940J1100D572
Description  Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37940J1100D572 Datasheet(HTML) 2 Page - EPCOS

  B37940J1100D572 Datasheet HTML 1Page - EPCOS B37940J1100D572 Datasheet HTML 2Page - EPCOS B37940J1100D572 Datasheet HTML 3Page - EPCOS B37940J1100D572 Datasheet HTML 4Page - EPCOS B37940J1100D572 Datasheet HTML 5Page - EPCOS B37940J1100D572 Datasheet HTML 6Page - EPCOS B37940J1100D572 Datasheet HTML 7Page - EPCOS B37940J1100D572 Datasheet HTML 8Page - EPCOS B37940J1100D572 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
15
10/02
Features
Good thermal stability
High insulation resistance
Low dissipation factor
Low inductance
Applications
Resonant circuits
Filter circuits
Timing elements
Coupling and filtering, particularly in RF circuits
Termination
For soldering: Nickel-barrier terminations (Ni)
For conductive adhesion: Silver-palladium terminations (AgPd) on request
Options
Alternative capacitance tolerances available on request
Delivery mode
Cardboard and blister tape (blister tape for chip thickness
≥ 1,2 ± 0,1 mm and case size 1210),
180-mm and 330-mm reel available
Bulk case for case size 0402 on request
Bulk case for case sizes 0603 (50 V) and 0805 (50 V)
Electrical data
Temperature characteristic
C0G
Climatic category (IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 1
Rated voltage
VR
50, 100, 200
VDC
Test voltage
Vtest
2,5 · VR/5 s
VDC
Capacitance range / E series
CR
1 pF … 10 nF (E6/E12)
Temperature coefficient
0
± 30 · 10–6/K
Dissipation factor (limit value)
tan
δ
< 1,0 · 10–3
Insulation resistance1) at + 25
°C
Rins
> 105
M
Insulation resistance1) at + 125
°C
Rins
> 104
M
Time constant1) at + 25
°C
τ
> 1000
s
Time constant1) at + 125
°C
τ
> 100
s
Operating temperature range
Top
– 55 … +125
°C
Ageing
none
1) For CR > 10 nF the time constant τ = C · Rins is given.
Chip
C0G
Multilayer Ceramic Capacitors


Similar Part No. - B37940J1100D572

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37940K1100J060 EPCOS-B37940K1100J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1100J070 EPCOS-B37940K1100J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J060 EPCOS-B37940K1101J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J070 EPCOS-B37940K1101J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1102J062 EPCOS-B37940K1102J062 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
More results

Similar Description - B37940J1100D572

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com