Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45102 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HSP45102
Description  12-Bit Numerically Controlled Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45102 Datasheet(HTML) 5 Page - Intersil Corporation

  HSP45102 Datasheet HTML 1Page - Intersil Corporation HSP45102 Datasheet HTML 2Page - Intersil Corporation HSP45102 Datasheet HTML 3Page - Intersil Corporation HSP45102 Datasheet HTML 4Page - Intersil Corporation HSP45102 Datasheet HTML 5Page - Intersil Corporation HSP45102 Datasheet HTML 6Page - Intersil Corporation HSP45102 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Absolute Maximum Ratings TA =25°C
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Input, Output or I/O Voltage Applied . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range (Commercial, Industrial) . . +4.75V to +5.25V
Operating Temperature Range (Commercial) . . . . . . . . 0°C to 70°C
Operating Temperature Range (Industrial) . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
Die Characteristics
Backside Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC = 5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
High Level Clock Input
VIHC
VCC = 5.25V
3.0
-
V
Low Level Clock Input
VILC
VCC = 4.75V
-
0.8
V
Output HIGH Voltage
VOH
IOH = -400µA, VCC = 4.75V
2.6
-
V
Output LOW Voltage
VOL
IOL = +2.0mA, VCC = 4.75V
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND, VCC = 5.25V
-10
10
µA
Standby Power Supply Current
ICCSB
VIN = VCC or GND, VCC = 5.25V, Note 4
-
500
µA
Operating Power Supply Current
ICCOP
f = 33MHz, VIN = VCC or GND
VCC = 5.25V, Notes 2 and 4
-99
mA
Capacitance TA = 25°C, Note 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Input Capacitance
CIN
FREQ = 1MHz, VCC = Open. All measure-
ments are referenced to device ground
-10
pF
Output Capacitance
CO
-10
pF
NOTES:
2. Power supply current is proportional to operating frequency. Typical rating for ICCOP is 3mA/MHz.
3. Not tested, but characterized at initial design and at major process/design changes.
4. Output load per test load circuit with switch open and CL = 40pF.
HSP45102


Similar Part No. - HSP45102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102PC-33 INTERSIL-HSP45102PC-33 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102PC-40 INTERSIL-HSP45102PC-40 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
More results

Similar Description - HSP45102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com