Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CDR
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC271CDR Datasheet HTML 3Page - Texas Instruments TLC271CDR Datasheet HTML 4Page - Texas Instruments TLC271CDR Datasheet HTML 5Page - Texas Instruments TLC271CDR Datasheet HTML 6Page - Texas Instruments TLC271CDR Datasheet HTML 7Page - Texas Instruments TLC271CDR Datasheet HTML 8Page - Texas Instruments TLC271CDR Datasheet HTML 9Page - Texas Instruments TLC271CDR Datasheet HTML 10Page - Texas Instruments TLC271CDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
HIGH-BIAS MODE
electrical characteristics at specified free-air temperature (unless otherwise noted)
TEST
TLC271I, TLC271AI, TLC271BI
PARAMETER
TEST
CONDITIONS
TA†
VDD = 5 V
VDD = 10 V
UNIT
CONDITIONS
A
MIN
TYP
MAX
MIN
TYP
MAX
TLC271I
25
°C
1.1
10
1.1
10
TLC271I
VO =1 4V
Full range
13
13
VIO
Input offset voltage
TLC271AI
VO = 1.4 V,
VIC = 0 V,
25
°C
0.9
5
0.9
5
mV
VIO
Input offset voltage
TLC271AI
IC
,
RS = 50 Ω,
R10 k
Full range
7
7
mV
TLC271BI
RL = 10 kΩ
25
°C
0.34
2
0.39
2
TLC271BI
Full range
3.5
3.5
αVIO
Average temperature coefficient
of input offset voltage
25
°C to
85
°C
1.8
2
µV/°C
IIO
Input offset current (see Note 4)
VO = VDD /2,
25
°C
0.1
60
0.1
60
pA
IIO
Input offset current (see Note 4)
ODD
,
VIC = VDD /2
85
°C
24
1000
26
1000
pA
IIB
Input bias current (see Note 4)
VO = VDD /2,
25
°C
0.6
60
0.7
60
pA
IIB
Input bias current (see Note 4)
ODD
,
VIC = VDD /2
85
°C
200
2000
220
2000
pA
VICR
Common-mode input
25
°C
– 0.2
to
4
– 0.3
to
4.2
– 0.2
to
9
– 0.3
to
9.2
V
VICR
voltage range (see Note 5)
Full range
– 0.2
to
3.5
– 0.2
to
8.5
V
V
100
V
25
°C
3.2
3.8
8
8.5
VOH
High-level output voltage
VID = 100 mV,
RL =10kΩ
– 40
°C
3
3.8
7.8
8.5
V
RL = 10 kΩ
85
°C
3
3.8
7.8
8.5
V
100
V
25
°C
0
50
0
50
VOL
Low-level output voltage
VID = –100 mV,
IOL =0
– 40
°C
0
50
0
50
mV
IOL = 0
85
°C
0
50
0
50
L
i
l diff
ti l
R10 k
25
°C
5
23
10
36
AVD
Large-signal differential
voltage amplification
RL = 10 kΩ,
See Note 6
– 40
°C
3.5
32
7
46
V/mV
voltage am lification
See Note 6
85
°C
3.5
19
7
31
25
°C
65
80
65
85
CMRR
Common-mode rejection ratio
VIC = VICRmin
– 40
°C
60
81
60
87
dB
85
°C
60
86
60
88
S
l
lt
j
ti
ti
V
5Vt 10 V
25
°C
65
95
65
95
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V
VO =1 4V
– 40
°C
60
92
60
92
dB
(
∆VDD/∆VIO)
VO = 1.4 V
85
°C
60
96
60
96
II(SEL)
Input current (BIAS SELECT)
VI(SEL) = 0
25
°C
– 1.4
– 1.9
µA
VO = VDD /2,
25
°C
675
1600
950
2000
IDD
Supply current
VO VDD /2,
VIC = VDD /2,
Nl
d
– 40
°C
950
2200
1375
2500
µA
No load
85
°C
525
1200
725
1600
† Full range is – 40
°C to 85°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
6.
At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V.


Similar Part No. - TLC271CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271CDR TI-TLC271CDR Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC271CDR TI-TLC271CDR Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271CDRG4 TI-TLC271CDRG4 Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC271CDRG4 TI-TLC271CDRG4 Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC271CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com