Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2334 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2334
Description  GENERAL PURPOSE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2334 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2334 Datasheet HTML 1Page - RF Micro Devices RF2334 Datasheet HTML 2Page - RF Micro Devices RF2334 Datasheet HTML 3Page - RF Micro Devices RF2334 Datasheet HTML 4Page - RF Micro Devices RF2334 Datasheet HTML 5Page - RF Micro Devices RF2334 Datasheet HTML 6Page - RF Micro Devices RF2334 Datasheet HTML 7Page - RF Micro Devices RF2334 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-276
RF2334
Rev A10 030415
Reverse Isolation versus Frequency Across
Temperature, ICC = 65 mA
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C
Current versus Voltage at Evaluation Board Connector,
RBIAS = 22 Ω
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
5.6
5.8
6.0
6.2
6.4
6.6
6.8
VCC (V)
-40C
25C
85C
Current versus Voltage
(At Pin 5)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
4.6
4.7
4.8
4.9
5.0
5.1
5.2
VPIN (V)
-40C
25C
85C
Vcc=6.3V
Power Dissipated versus Voltage at Pin 5
(TAMBIENT = +85°C)
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
4.64
4.66
4.68
4.70
4.72
4.74
4.76
4.78
VPIN (V)
Junction Temperature versus Power Dissipated
(TAMBIENT = +85°C)
120.00
130.00
140.00
150.00
160.00
170.00
180.00
190.00
200.00
210.00
220.00
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
Power Dissipated (W)
MTTF versus Junction Temperature
(60% Confidence Interval)
10
100
1000
10000
100000
1000000
100
125
150
175
200
Junction Temperature (°C)


Similar Part No. - RF2334

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2334 RFMD-RF2334 Datasheet
40Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2334PCBA RFMD-RF2334PCBA Datasheet
40Kb / 4P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2334

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com