Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2334PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2334PCBA
Description  GENERAL PURPOSE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2334PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2334PCBA Datasheet HTML 1Page - RF Micro Devices RF2334PCBA Datasheet HTML 2Page - RF Micro Devices RF2334PCBA Datasheet HTML 3Page - RF Micro Devices RF2334PCBA Datasheet HTML 4Page - RF Micro Devices RF2334PCBA Datasheet HTML 5Page - RF Micro Devices RF2334PCBA Datasheet HTML 6Page - RF Micro Devices RF2334PCBA Datasheet HTML 7Page - RF Micro Devices RF2334PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-275
RF2334
Rev A10 030415
Gain versus Frequency Across Temperature
ICC = 65 mA
10.0
12.0
14.0
16.0
18.0
20.0
22.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
-40°C
26°C
85°C
Output P1dB versus Frequency Across Temperature
ICC = 65 mA
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
-40°C
26°C
85°C
Output IP3 versus Frequency Across Temperature
ICC = 65 mA
21.00
23.00
25.00
27.00
29.00
31.00
33.00
35.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C
Noise Figure versus Frequency Across Temperature
ICC = 65 mA
3.00
4.00
5.00
6.00
7.00
8.00
9.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C
Input VSWR versus Frequency Across Temperature
ICC = 65 mA
1.00
1.20
1.40
1.60
1.80
2.00
2.20
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C
Output VSWR versus Frequency Across Temperature
ICC = 65 mA
1.00
1.20
1.40
1.60
1.80
2.00
2.20
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C


Similar Part No. - RF2334PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2334PCBA RFMD-RF2334PCBA Datasheet
40Kb / 4P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2334PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com