Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4041BD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4041BD
Description  Quadruple true/complement buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4041BD Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4041BD Datasheet HTML 1Page - NXP Semiconductors HEF4041BD Datasheet HTML 2Page - NXP Semiconductors HEF4041BD Datasheet HTML 3Page - NXP Semiconductors HEF4041BD Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
January 1995
3
Philips Semiconductors
Product specification
Quadruple true/complement buffer
HEF4041B
buffers
DC CHARACTERISTICS
VSS = 0 V; VI =VSS or VDD
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
VOH
V
VOL
V
SYMBOL
Tamb (°C)
−40
+25
+85
MIN. MAX.
MIN.
TYP.
MIN.
MAX.
Output (source) current
5
4,6
1,6
1,3
2,6
1,0
mA
HIGH
10
9,5
−IOH
4,5
3,6
7,0
2,7
mA
15
13,5
16,0
14,0
30,0
10,0
mA
HIGH
5
2,5
−IOH
5,0
4,0
8,0
3,0
mA
Output (sink) current
4,75
0,4
2,0
1,7
4,0
1,35
mA
LOW
10
0,5
IOL
7,5
6,0
12,0
4,5
mA
15
1,5
23,0
20,0
35,0
15,0
mA
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
In → On
530
65
ns
17 ns
+ (0,27 ns/pF) CL
HIGH to LOW
10
tPHL
20
40
ns
14 ns
+ (0,11 ns/pF) CL
15
15
30
ns
12 ns
+ (0,08 ns/pF) CL
530
55
ns
17 ns
+ (0,27 ns/pF) CL
LOW to HIGH
10
tPLH
15
30
ns
9 ns
+ (0,11 ns/pF) CL
15
10
20
ns
7 ns
+ (0,08 ns/pF) CL
In → On
535
75
ns
22 ns
+ (0,27 ns/pF) CL
HIGH to LOW
10
tPHL
20
40
ns
14 ns
+ (0,11 ns/pF) CL
15
15
30
ns
12 ns
+ (0,08 ns/pF) CL
535
75
ns
22 ns
+ (0,27 ns/pF) CL
LOW to HIGH
10
tPLH
20
40
ns
14 ns
+ (0,11 ns/pF) CL
15
15
30
ns
12 ns
+ (0,08 ns/pF) CL
Output transition times
5
25
50
ns
5 ns
+ (0,40 ns/pF) CL
On → On
10
tTHL
12
25
ns
2 ns
+ (0,21 ns/pF) CL
HIGH to LOW
15
8
20
ns
1 ns
+ (0,14 ns/pF) CL
525
45
ns
5 ns
+ (0,40 ns/pF) CL
LOW to HIGH
10
tTLH
12
25
ns
2 ns
+ (0,21 ns/pF) CL
15
8
20
ns
1 ns
+ (0,14 ns/pF) CL


Similar Part No. - HEF4041BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4040 PHILIPS-HEF4040 Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
logo
NXP Semiconductors
HEF4040BD PHILIPS-HEF4040BD Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
More results

Similar Description - HEF4041BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4041UB STMICROELECTRONICS-HCC4041UB Datasheet
295Kb / 12P
   QUAD TRUE/COMPLEMENT BUFFER
logo
National Semiconductor ...
CD4041UB NSC-CD4041UB Datasheet
118Kb / 6P
   Quad True/Complement Buffer
logo
STMicroelectronics
HCF4041UB STMICROELECTRONICS-HCF4041UB Datasheet
175Kb / 8P
   QUAD TRUE/COMPLEMENT BUFFER
logo
Micro Electronics
MMC4041 MICRO-ELECTRONICS-MMC4041 Datasheet
91Kb / 3P
   QUAD TRUE / COMPLEMENT BUFFER
logo
Texas Instruments
CD4041UB TI1-CD4041UB_15 Datasheet
872Kb / 14P
[Old version datasheet]   CMOS Quad True/Complement Buffer
logo
Intersil Corporation
CD4041UBMS INTERSIL-CD4041UBMS Datasheet
105Kb / 7P
   CMOS Quad True/Complement Buffer
December 1992
CD4041BMS INTERSIL-CD4041BMS Datasheet
107Kb / 7P
   CMOS Quad True/Complement Buffer
logo
Texas Instruments
CD4041UB TI-CD4041UB Datasheet
200Kb / 4P
[Old version datasheet]   CMOS QUAD TRUE/COMPLEMENT BUFFER
CD4041UBF3A TI-CD4041UBF3A Datasheet
855Kb / 14P
[Old version datasheet]   CMOS Quad True Complement Buffer
CD4041UB TI-CD4041UB_12 Datasheet
864Kb / 14P
[Old version datasheet]   CMOS QUAD TRUE/COMPLEMENT BUFFER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com