Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL070 Datasheet(PDF) 10 Page - Texas Instruments

Part # TL070
Description  JFET-INPUT OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL070 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL070 Datasheet HTML 6Page - Texas Instruments TL070 Datasheet HTML 7Page - Texas Instruments TL070 Datasheet HTML 8Page - Texas Instruments TL070 Datasheet HTML 9Page - Texas Instruments TL070 Datasheet HTML 10Page - Texas Instruments TL070 Datasheet HTML 11Page - Texas Instruments TL070 Datasheet HTML 12Page - Texas Instruments TL070 Datasheet HTML 13Page - Texas Instruments TL070 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TL070
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS121B – NOVEMBER 1993 – REVISED MARCH 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
0
|VCC
±| – Supply Voltage – V
2
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA = 25°C
No Signal
No Load
02
4
6
8
10
12
14
16
Figure 18
0
TA – Free-Air Temperature – °C
2
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
No Signal
No Load
–75
–50
–25
0
25
50
75
100
125
Figure 19
0
TA – Free-Air Temperature – °C
25
50
75
100
TOTAL POWER DISSIPATED
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
No Signal
No Load
–75
–50
–25
0
25
50
75
100
125
Figure 20
0.85
TA – Free-Air Temperature – °C
1.15
0.90
0.95
1
1.05
1.10
NORMALIZED SLEW RATE
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
RL = 2 kΩ
CL = 100 pF
–75
–50
–25
0
25
50
75
100
125
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. An 18-pF
compensation capacitor is used.


Similar Part No. - TL070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Transko Electronics, In...
TL07005AV TRANSKO-TL07005AV Datasheet
674Kb / 5P
   70.00 MHz IF SAW Filter / 6.10 MHz Bandwidth
Revision 0: 15 Feb. 2012
TL07005BV TRANSKO-TL07005BV Datasheet
642Kb / 5P
   70.00 MHz IF SAW Filter / 6.65 MHz Bandwidth
Revision 0: 05 Mar. 2012
TL07012AV TRANSKO-TL07012AV Datasheet
766Kb / 5P
   70.00 MHz IF SAW Filter / 12.40 MHz Bandwidth
Revision 0: 15 Feb. 2012
TL07012BV TRANSKO-TL07012BV Datasheet
764Kb / 5P
   70.00 MHz IF SAW Filter / 12.25 MHz Bandwidth
Revision 0: 05 Mar. 2012
More results

Similar Description - TL070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411 TI-LF411 Datasheet
172Kb / 7P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
[Old version datasheet]   JFET Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com