Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL497ACNE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL497ACNE4
Description  500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497ACNE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL497ACNE4 Datasheet HTML 2Page - Texas Instruments TL497ACNE4 Datasheet HTML 3Page - Texas Instruments TL497ACNE4 Datasheet HTML 4Page - Texas Instruments TL497ACNE4 Datasheet HTML 5Page - Texas Instruments TL497ACNE4 Datasheet HTML 6Page - Texas Instruments TL497ACNE4 Datasheet HTML 7Page - Texas Instruments TL497ACNE4 Datasheet HTML 8Page - Texas Instruments TL497ACNE4 Datasheet HTML 9Page - Texas Instruments TL497ACNE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
DESIGN EQUATIONS
I
(PK) +
2I
O
max
L(
mH) +
V
I
–V
O
I
(PK)
ton(ms)
C
T
(pF)
[ 12 ton(ms)
R1
+ (V
O
–1.2 V) k
W
Choose L (50 to 500
µH), calculate
ton (10 to 150 µs)
R
CL +
0.5 V
I
(PK)
C
O
(
mF) [ ton(ms)
V
I *
V
O
V
O
I
(PK) )
I
O
V
ripple
(PK)
VI
RCL
8
10
13
14
TL497A
12
3
45
6
7
R2 = 1.2 k
R1
CO
VO
VI
RCL
14
13
10
8
12
3
4
5
6
7
TL497A
L
R1
R2 = 1.2 k
EXTENDED POWER CONFIGURATION
(using external transistor)
L
VO
CO
CT
CT
BASIC CONFIGURATION
(Peak Switching Current = I(PK) < 500 mA)
Figure 2. Positive Regulator, Step-Down Configurations


Similar Part No. - TL497ACNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497ACNE4 TI-TL497ACNE4 Datasheet
830Kb / 20P
[Old version datasheet]   500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
More results

Similar Description - TL497ACNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497A TI-TL497A_15 Datasheet
830Kb / 20P
[Old version datasheet]   500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
logo
Fairchild Semiconductor
RC4391 FAIRCHILD-RC4391 Datasheet
153Kb / 22P
   Inverting and Step-Down Switching Regulator
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
   1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com