Electronic Components Datasheet Search |
|
TL497AIJ Datasheet(PDF) 4 Page - Texas Instruments |
|
TL497AIJ Datasheet(HTML) 4 Page - Texas Instruments |
4 / 16 page TL497A 500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating conditions, VCC = 6 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TL497AC TL497AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP‡ MAX MIN TYP‡ MAX UNIT High-level input current, INHIBIT VI(I) = 5 V Full range 0.8 1.5 0.8 1.5 mA Low-level input current, INHIBIT VI(I) = 0 V Full range 5 10 5 20 µA Comparator reference voltage VI = 4.5 V to 6 V Full range 1.08 1.2 1.32 1.14 1.2 1.26 V Comparator input bias current VI = 6 V Full range 40 100 40 100 µA Switch on-state voltage VI = 4.5 V IO = 100 mA 25 °C 0.13 0.2 0.13 0.2 V Switch on-state voltage VI = 4.5 V IO = 500 mA Full range 0.85 1 V Switch off-state current VI = 4.5 V, VO = 30 V 25 °C 10 50 10 50 A Switch off-state current VI = 4.5 V, VO = 30 V Full range 200 500 µA Sense voltage, CUR LIM SENS VI = 6 V 25 °C 0.45 1 0.45 1 V IO = 10 mA Full range 0.75 0.85 0.75 0.95 Diode forward voltage IO = 100 mA Full range 0.9 1 0.9 1.1 V Diode forward voltage IO = 500 mA Full range 1.33 1.55 1.33 1.75 V Diode reverse voltage IO = 500 µA Full range 30 V Diode reverse voltage IO = 200 µA Full range 30 V On-state supply current 25 °C 11 14 11 14 mA On-state supply current Full range 15 16 mA Off-state supply current 25 °C 6 9 6 9 mA Off-state supply current Full range 10 11 mA † Full range is 0°C to 70°C for the TL497AC and −40°C to 85°C for the TL497AI. ‡ All typical values are at TA = 25°C. electrical characteristics over recommended operating conditions, VCC = 6 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS TL497AY UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT High-level input current, INHIBIT VI(I) = 5 V 0.8 mA Low-level input current, INHIBIT VI(I) = 0 V 5 µA Comparator reference voltage VI = 4.5 V to 6 V 1.2 V Comparator input bias current VI = 6 V 40 µA Switch on-state voltage VI = 4.5 V, IO = 100 mA 0.13 V Switch off-state current VI = 4.5 V, VO = 30 V 10 µA IO = 10 mA 0.75 Diode forward voltage IO = 100 mA 0.9 V Diode forward voltage IO = 500 mA 1.33 V On-state supply current 11 mA Off-state supply current 6 mA |
Similar Part No. - TL497AIJ |
|
Similar Description - TL497AIJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |