Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-A153 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDSP-A153
Description  7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-A153 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDSP-A153 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-A153 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-A153 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-A153 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-A153 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-A153 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-A153 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-A153 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-A153 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2,5]
IV
6.9
14.0
mcd
IF = 20 mA
(Digit Average)
1.8
V
IF = 20 mA
Forward Voltage/Segment or DP
VF
2.0
3.0
V
IF = 100 mA
A15x
Peak Wavelength
λ
PEAK
645
nm
Dominant Wavelength[3]
λ
d
637
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
15.0
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θ
J-PIN
255
°C/W/Seg
to-Pin
AlGaAs Red
Electrical/Optical Characteristics at T
A = 25°C
Absolute Maximum Ratings
AlGaAs Red
HER/Orange
Yellow
Green
HDSP-A150
HDSP-7500/-A40X HDSP-7400
HDSP-7800
Description
Series
Series
Series
Series
Units
Average Power per Segment or DP
96
105
80
105
mW
Peak Forward Current per
160[1]
90[3]
60[5]
90[7]
mA
Segment or DP
DC Forward Current per
40[2]
30[4]
20[6]
30[8]
mA
Segment or DP
Operating Temperature Range
–20 to +100[9]
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
Reverse Voltage per Segment or DP
3.0
V
Wave Soldering Temperature for
3 Seconds (1.59 mm [0.063 in.]
250
°C
below Body)
Notes:
1. See Figure 1 to establish pulsed conditions.
2. Derate above 46
°C at 0.54 mA/°C.
3. See Figure 6 to establish pulsed conditions.
4. Derate above 53
°C at 0.45 mA/°C.
5. See Figure 7 to establish pulsed conditions.
6. Derate above 81
°C at 0.52 mA/°C.
7. See Figure 8 to establish pulsed conditions.
8. Derate above 39
°C at 0.37 mA/°C.
9. For operation below –20
°C, contact your local Agilent components sales office or an authorized distributor.


Similar Part No. - HDSP-A153

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A153 AVAGO-HDSP-A153 Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A153 AVAGO-HDSP-A153 Datasheet
435Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results

Similar Description - HDSP-A153

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A401 AVAGO-HDSP-A401_10 Datasheet
435Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com