Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM101A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM101A
Description  Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM101A Datasheet HTML 1Page - National Semiconductor (TI) LM101A Datasheet HTML 2Page - National Semiconductor (TI) LM101A Datasheet HTML 3Page - National Semiconductor (TI) LM101A Datasheet HTML 4Page - National Semiconductor (TI) LM101A Datasheet HTML 5Page - National Semiconductor (TI) LM101A Datasheet HTML 6Page - National Semiconductor (TI) LM101A Datasheet HTML 7Page - National Semiconductor (TI) LM101A Datasheet HTML 8Page - National Semiconductor (TI) LM101A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics (Note 5) (Continued)
T
A=TJ
Parameter
Conditions
LM101A/LM201A
LM301A
Units
Min
Typ
Max Min
Typ
Max
Supply Current
T
A =TMAX,VS = ±20V
1.2
2.5
mA
Large Signal Voltage Gain
V
S = ±15V, VOUT = ±10V
25
15
V/mV
R
L
≥ 2k
Output Voltage Swing
V
S = ±15V
R
L =10k
±12
±14
±12
±14
V
R
L =2k
±10
±13
±10
±13
V
Input Voltage Range
V
S = ±20V
±15
V
V
S = ±15V
+15, −13
±12 +15, −13
V
Common-Mode Rejection Ratio
R
S
≤ 50 kΩ
80
96
70
90
dB
Supply Voltage Rejection Ratio
R
S
≤ 50 kΩ
80
96
70
96
dB
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.Operating ratings indicate for which the device is functional, but
do no guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guarantee
specific limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the
typical value is a good indication of device performance.
Note 3: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 4: Continuous short circuit is allowed for case temperatures to 125˚C and ambient temperatures to 75˚C for LM101A/LM201A, and 70˚C and 55˚C respectively
for LM301A.
Note 5: Unless otherwise specified, these specifications apply for C1 = 30 pF, ±5V
≤ VS ±20V and −55˚C ≤ TA ≤ +125˚C (LM101A), ±5V ≤ VS ±20V and −25˚C
≤ TA ≤ +85˚C (LM201A), ±5V ≤ VS ±15V and 0˚C ≤ TA ≤ +70˚C (LM301A).
Note 6: Refer to RETS101AX for LM101A military specifications and RETS101X for LM101 military specifications.
Note 7: Human body model, 100 pF discharged through 1.5 k
Ω.
Typical Performance Characteristics
LM101A/LM201A
Input Voltage Range
Output Swing
00775241
00775242
www.national.com
3


Similar Part No. - LM101A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
509Kb / 17P
   Operational Amplifiers
logo
STMicroelectronics
LM101A STMICROELECTRONICS-LM101A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LM101A LINER-LM101A Datasheet
388Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
226Kb / 15P
   SINGLE OPERATIONAL AMPLIFIER
LM101A NSC-LM101A Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
More results

Similar Description - LM101A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com