Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM567 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM567
Description  Tone Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM567 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM567_03 Datasheet HTML 4Page - National Semiconductor (TI) LM567_03 Datasheet HTML 5Page - National Semiconductor (TI) LM567_03 Datasheet HTML 6Page - National Semiconductor (TI) LM567_03 Datasheet HTML 7Page - National Semiconductor (TI) LM567_03 Datasheet HTML 8Page - National Semiconductor (TI) LM567_03 Datasheet HTML 9Page - National Semiconductor (TI) LM567_03 Datasheet HTML 10Page - National Semiconductor (TI) LM567_03 Datasheet HTML 11Page - National Semiconductor (TI) LM567_03 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AC Test Circuit
00697509
fi = 100 kHz + 5V
*Note: Adjust for fo = 100 kHz.
Applications Information
The center frequency of the tone decoder is equal to the free
running frequency of the VCO. This is given by
The bandwidth of the filter may be found from the approxi-
mation
Where:
V
i = Input voltage (volts rms), Vi
≤ 200mV
C
2 = Capacitance at Pin 2(µF)
www.national.com
8


Similar Part No. - LM567_03

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567C NSC-LM567C Datasheet
296Kb / 8P
   Tone Decoder
LM567CH NSC-LM567CH Datasheet
296Kb / 8P
   Tone Decoder
LM567CM NSC-LM567CM Datasheet
296Kb / 8P
   Tone Decoder
logo
Texas Instruments
LM567CM TI1-LM567CM Datasheet
1Mb / 18P
[Old version datasheet]   Tone Decoder
LM567CM/NOPB TI1-LM567CM/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Tone Decoder
More results

Similar Description - LM567_03

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
Texas Instruments
LM567CMX TI1-LM567CMX Datasheet
1Mb / 18P
[Old version datasheet]   Tone Decoder
logo
Exar Corporation
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
   Micropower Tone Decoder
logo
National Semiconductor ...
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
   Low Power Tone Decoder
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
   PLL tone decoder IC
logo
Texas Instruments
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
[Old version datasheet]   Low-Power Tone Decoder
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com