Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4052B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4052B
Description  Dual 4-channel analogue multiplexer/demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4052B Datasheet(HTML) 8 Page - NXP Semiconductors

  HEF4052B Datasheet HTML 1Page - NXP Semiconductors HEF4052B Datasheet HTML 2Page - NXP Semiconductors HEF4052B Datasheet HTML 3Page - NXP Semiconductors HEF4052B Datasheet HTML 4Page - NXP Semiconductors HEF4052B Datasheet HTML 5Page - NXP Semiconductors HEF4052B Datasheet HTML 6Page - NXP Semiconductors HEF4052B Datasheet HTML 7Page - NXP Semiconductors HEF4052B Datasheet HTML 8Page - NXP Semiconductors HEF4052B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
January 1995
8
Philips Semiconductors
Product specification
Dual 4-channel analogue multiplexer/demultiplexer
HEF4052B
MSI
Notes
Vis is the input voltage at a Y or Z terminal, whichever is assigned as input.
Vos is the output voltage at a Y or Z terminal, whichever is assigned as output.
1. RL = 10 kΩ to VEE; CL = 50 pF to VEE; E=VSS; Vis =VDD (square-wave); see Fig.8.
2. RL = 10 kΩ; CL = 50 pF to VEE; E=VSS; An =VDD (square-wave); Vis =VDD and RL to VEE for tPLH; Vis =VEE and
RL to VDD for tPHL; see Fig.8.
3. RL = 10 kΩ; CL = 50 pF to VEE; E=VDD (square-wave);
Vis =VDD and RL to VEE for tPHZ and tPZH;
Vis =VEE and RL to VDD for tPLZ and tPZL; see Fig.8.
4. RL = 10 kΩ; CL = 15 pF; channel ON; Vis = 12 VDD (p-p) (sine-wave, symmetrical about 12 VDD);
fis = 1 kHz; see Fig.9.
5. RL =1 kΩ; Vis = 12 VDD (p-p) (sine-wave, symmetrical about 12 VDD);
6. RL = 10 kΩ to VEE; CL = 15 pF to VEE; E or An =VDD (square-wave); crosstalk is  Vos (peak
value); see Fig.8.
7. RL =1 kΩ; CL = 5 pF; channel OFF; Vis = 12 VDD (p-p) (sine-wave, symmetrical about 12 VDD);
8. RL =1 kΩ; CL = 5 pF; channel ON; Vis = 12 VDD (p-p) (sine-wave, symmetrical about 12 VDD);
Distortion, sine-wave
5
0,25
%
note 4
response
10
0,04
%
15
0,04
%
Crosstalk between
5
MHz
note 5
any two channels
10
1
MHz
15
MHz
Crosstalk; enable
5
mV
note 6
or address input
10
50
mV
to output
15
mV
OFF-state
5
MHz
note 7
feed-through
10
1
MHz
15
MHz
ON-state frequency
5
13
MHz
note 8
response
10
40
MHz
15
70
MHz
VDD
V
SYMBOL
TYP.
MAX.
20 log
V
os
V
is
---------
50 dB; see Fig. 10.
=
20 log
V
os
V
is
---------
50 dB; see Fig. 9.
=
20 log
V
os
V
is
---------
3 dB; see Fig. 9.
=


Similar Part No. - HEF4052B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4052B NXP-HEF4052B Datasheet
166Kb / 22P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 8-17 November 2011
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
logo
NXP Semiconductors
HEF4052B-Q100 NXP-HEF4052B-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
HEF4052B-Q100 NEXPERIA-HEF4052B-Q100 Datasheet
292Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 15 December 2021
logo
NXP Semiconductors
HEF4052BP NXP-HEF4052BP Datasheet
166Kb / 22P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 8-17 November 2011
More results

Similar Description - HEF4052B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051B PHILIPS-HEF4051B Datasheet
121Kb / 9P
   8-channel analogue multiplexer/demultiplexer
January 1995
HEF4067B PHILIPS-HEF4067B Datasheet
110Kb / 9P
   16-channel analogue multiplexer/demultiplexer
January 1995
HEF4053B PHILIPS-HEF4053B Datasheet
118Kb / 9P
   Triple 2-channel analogue multiplexer/demultiplexer
January 1995
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com