Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-A15X Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDSP-A15X
Description  7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-A15X Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDSP-A15X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-A15X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-A15X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-A15X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-A15X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-A15X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-A15X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-A15X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-A15X Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 12. Relative Efficiency (Luminous
Intensity per Unit Current) vs. Peak
Current.
0
0.8
1.0
1.2
1.4
100
20
80
60
40
1.8
1.6
GREEN
HER / ORANGE
YELLOW
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
HER, Yellow, Green, Orange
Figure 6. Maximum Tolerable Peak Current vs.
Pulse Duration – HER, Orange.
Figure 7. Maximum Tolerable Peak
Current vs. Pulse Duration – Yellow.
Figure 10. Forward Current vs.
Forward Voltage Characteristics.
Figure 11. Relative Luminous
Intensity vs. DC Forward Current.
Figure 8. Allowable Peak Current vs.
Pulse Duration – Green.
Figure 9. Maximum Allowable DC Current per
Segment as a Function of Ambient Temperature.
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
OPERATING OF I
MAXIMUM
DC
DC OPERATION
100
H
z
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
OPERATING OF I
MAXIMUM
DC
DC OPERATION
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
OPERATING OF I
MAXIMUM
DC
DC OPERATION
40
0
5
10
15
20
25
30
35
20
100
90
80
70
60
50
40
30
T – AMBIENT TEMPERATURE – °C
A
120
110
50
45
HER, ORANGE
YELLOW
GREEN
R
= 770°C/W
J-A
θ
0
100
80
60
40
20
2.0
4.0
3.0
1.0
V – FORWARD VOLTAGE – V
F
0
5.0
YELLOW
HER / ORANGE
GREEN
15
0
10
8
6
4
2
20
530
10
25
12
I – FORWARD CURRENT PER SEGMENT – mA
F
0
YELLOW
GREEN
HER / ORANGE


Similar Part No. - HDSP-A15X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A15X AVAGO-HDSP-A15X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results

Similar Description - HDSP-A15X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A401 AVAGO-HDSP-A401_10 Datasheet
435Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com