Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ILPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ILPR
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ILPR Datasheet(HTML) 3 Page - Texas Instruments

  TLV431ILPR Datasheet HTML 1Page - Texas Instruments TLV431ILPR Datasheet HTML 2Page - Texas Instruments TLV431ILPR Datasheet HTML 3Page - Texas Instruments TLV431ILPR Datasheet HTML 4Page - Texas Instruments TLV431ILPR Datasheet HTML 5Page - Texas Instruments TLV431ILPR Datasheet HTML 6Page - Texas Instruments TLV431ILPR Datasheet HTML 7Page - Texas Instruments TLV431ILPR Datasheet HTML 8Page - Texas Instruments TLV431ILPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TLV431, TLV431A, TLV431B
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139S − JULY 1996 − REVISED JANUARY 2006
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION (continued)
TJ
25
5C VREF
TOLERANCE
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SC-70 (DCK)
Reel of 3000
TLV431BIDCKR
YF_
SC-70 (DCK)
Reel of 250
TLV431BIDCKT
YF_
SOT-23-5 (DBV)
Reel of 3000
TLV431BIDBVR
Y3FU
0.5%
SOT-23-5 (DBV)
Reel of 250
TLV431BIDBVT
Y3FU
0.5%
SOT-23-3 (DBZ)
Reel of 3000
TLV431BIDBZR
Y3FU
SOT-23-3 (DBZ)
Reel of 250
TLV431BIDBZT
Y3FU
TO-92 (LP)
Bulk of 1000
TLV431BILP
TY431B
TO-92 (LP)
Reel of 2000
TLV431BILPR
TY431B
SOIC (D)
Tube of 75
TLV431AID
TY431A
SOIC (D)
Reel of 2500
TLV431AIDR
TY431A
SOT-23-5 (DBV)
Reel of 3000
TLV431AIDBVR
VAHI‡, YAI_§
−40
°C to 85°C
SOT-23-5 (DBV)
Reel of 250
TLV431AIDBVT
VAHI‡, YAI_§
−40 C to 85 C
1%
SOT-23-3 (DBZ)
Reel of 3000
TLV431AIDBZR
YAI_§
1%
SOT-89 (PK)
Reel of 1000
TLV431BIPK
VF
Bulk of 1000
TLV431AILP
TO-92 (LP)
Ammo of 2000
TLV431AILPM
V431AI
TO-92 (LP)
Reel of 2000
TLV431AILPR
V431AI
SOT-23-5 (DBV)
Reel of 3000
TLV431IDBVR
VAII‡, Y3I_§
SOT-23-5 (DBV)
Reel of 250
TLV431IDBVT
VAII‡, Y3I_§
1.5%
SOT-23-3 (DBZ)
Reel of 3000
TLV431IDBZR
Y3I_§
1.5%
TO-92 (LP)
Bulk of 1000
TLV431ILP
V431I
TO-92 (LP)
Reel of 2000
TLV431ILPR
V431I
SC-70 (DCK)
Reel of 3000
TLV431BQDCKR
YG_
SC-70 (DCK)
Reel of 250
TLV431BQDCKT
YG_
SOT-23-5 (DBV)
Reel of 3000
TLV431BQDBVR
Y3HU
SOT-23-5 (DBV)
Reel of 250
TLV431BQDBVT
Y3HU
0.5%
SOT-23-3 (DBZ)
Reel of 3000
TLV431BQDBZR
Y3HU
−40
°C to 125°C
0.5%
SOT-23-3 (DBZ)
Reel of 250
TLV431BQDBZT
Y3HU
−40 C to 125 C
SOT-89 (PK)
Reel of 1000
TLV431BQPK
V6
TO-92 (LP)
Bulk of 1000
TLV431BQLP
TQ431B
TO-92 (LP)
Reel of 2000
TLV431BQLPR
TQ431B
1%
SOT-89 (PK)
Reel of 1000
TLV431AQPK
VA
1.5%
SOT-89 (PK)
Reel of 1000
TLV431QPK
VB
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.


Similar Part No. - TLV431ILPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431ILPR TI-TLV431ILPR Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431ILPR TI-TLV431ILPR Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ILPR TI-TLV431ILPR Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ILPR TI-TLV431ILPR Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ILPR TI1-TLV431ILPR Datasheet
1Mb / 42P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431ILPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com