Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4051BD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4051BD
Description  8-channel analogue multiplexer/demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4051BD Datasheet(HTML) 8 Page - NXP Semiconductors

  HEF4051BD Datasheet HTML 1Page - NXP Semiconductors HEF4051BD Datasheet HTML 2Page - NXP Semiconductors HEF4051BD Datasheet HTML 3Page - NXP Semiconductors HEF4051BD Datasheet HTML 4Page - NXP Semiconductors HEF4051BD Datasheet HTML 5Page - NXP Semiconductors HEF4051BD Datasheet HTML 6Page - NXP Semiconductors HEF4051BD Datasheet HTML 7Page - NXP Semiconductors HEF4051BD Datasheet HTML 8Page - NXP Semiconductors HEF4051BD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
January 1995
8
Philips Semiconductors
Product specification
8-channel analogue multiplexer/demultiplexer
HEF4051B
MSI
Notes
Vis is the input voltage at a Y or Z terminal, whichever is assigned as input.
Vos is the output voltage at a Y or Z terminal, whichever is assigned as output.
1. RL = 10 kΩ to VEE; CL = 50 pF to VEE; E=VSS; Vis =VDD (square-wave); see Fig.8.
2. RL = 10 kΩ; CL = 50 pF to VEE; E=VSS; An =VDD (square-wave); Vis =VDD and RL to VEE for tPLH; Vis =VEE and
RL to VDD for tPHL; see Fig.8.
3. RL = 10 kΩ; CL = 50 pF to VEE; E=VDD (square-wave);
Vis =VDD and RL to VEE for tPHZ and tPZH;
Vis =VEE and RL to VDD for tPLZ and tPZL; see Fig.8.
4. RL = 10 kΩ; CL = 15 pF; channel ON; Vis = 12 VDD (p-p) (sine-wave, symmetrical about 12 VDD);
fis = 1 kHz; seeFig.9.
5. RL =1 kΩ; Vis = 12 VDD (p-p) (sine-wave, symmetrical about 12 VDD);
6. RL = 10 kΩ to VEE; CL = 15 pF to VEE; E or An =VDD (square-wave); crosstalk is  Vos (peak
value); see Fig.8.
7. RL =1 kΩ; CL = 5 pF; channel OFF; Vis = 12 VDD (p-p) (sine-wave, symmetrical about 12 VDD);
8. RL =1 kΩ; CL = 5 pF; channel ON; Vis = 12 VDD (p-p) (sine-wave, symmetrical about 12 VDD);
Distortion, sine-wave
5
0,25
%
note 4
response
10
0,04
%
15
0,04
%
Crosstalk between
5
MHz
note 5
any two channels
10
1
MHz
15
MHz
Crosstalk; enable
5
mV
note 6
or address input
10
50
mV
to output
15
mV
OFF-state
5
MHz
note 7
feed-through
10
1
MHz
15
MHz
ON-state frequency
5
13
MHz
note 8
response
10
40
MHz
15
70
MHz
VDD
V
SYMBOL
TYP.
MAX.
20 log
V
os
V
is
---------
50 dB; see Fig. 10.
=
20 log
V
os
V
is
---------
50 dB; see Fig. 9.
=
20 log
V
os
V
is
---------
3 dB; see Fig. 9.
=


Similar Part No. - HEF4051BD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
logo
NXP Semiconductors
HEF4051B-Q100 NXP-HEF4051B-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
HEF4051B-Q100 PHILIPS-HEF4051B-Q100 Datasheet
196Kb / 21P
   8-channel analog multiplexer/demultiplexer
Rev. 2-11 September 2014
logo
Nexperia B.V. All right...
HEF4051B-Q100 NEXPERIA-HEF4051B-Q100 Datasheet
292Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 3 - 29 July 2021
logo
NXP Semiconductors
HEF4051BP NXP-HEF4051BP Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
More results

Similar Description - HEF4051BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4067B PHILIPS-HEF4067B Datasheet
110Kb / 9P
   16-channel analogue multiplexer/demultiplexer
January 1995
HEF4053B PHILIPS-HEF4053B Datasheet
118Kb / 9P
   Triple 2-channel analogue multiplexer/demultiplexer
January 1995
HEF4052B PHILIPS-HEF4052B Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A Datasheet
125Kb / 12P
   8-channel Analog Multiplexer / Demultiplexer
logo
Nexperia B.V. All right...
74LV4051 NEXPERIA-74LV4051 Datasheet
329Kb / 20P
   8-channel analog multiplexer/demultiplexer
Rev. 8 - 16 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com