Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4059B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4059B
Description  Programmable divide-by-n counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4059B Datasheet(HTML) 6 Page - NXP Semiconductors

  HEF4059B Datasheet HTML 1Page - NXP Semiconductors HEF4059B Datasheet HTML 2Page - NXP Semiconductors HEF4059B Datasheet HTML 3Page - NXP Semiconductors HEF4059B Datasheet HTML 4Page - NXP Semiconductors HEF4059B Datasheet HTML 5Page - NXP Semiconductors HEF4059B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
January 1995
6
Philips Semiconductors
Product specification
Programmable divide-by-n counter
HEF4059B
LSI
AC CHARACTERISTICS
VSS =0 V; Tamb =25 °C; input transition times ≤ 20 ns
AC CHARACTERISTICS
VSS =0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1 100 fi +∑(foCL) × VDD2
where
dissipation per
10
5 500 fi +∑(foCL) × VDD2
fi = input freq. (MHz)
package (P); n = 3
15
15 000 fi +∑(foCL) × VDD2
fo = output freq. (MHz)
5
500 fi +∑(foCL) × VDD2
CL = load capacitance (pF)
n = 1000
10
3 500 fi +∑(foCL) × VDD2
∑(foCL) = sum of outputs
15
9 000 fi +∑(foCL) × VDD2
VDD = supply voltage (V)
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
5
90
180
ns
78 ns
+ (0,25 ns/pF) CL
CP
→ O10
tPHL
45
90
ns
40 ns
+ (0,10 ns/pF) CL
HIGH to LOW
15
35
70
ns
32 ns
+ (0,07 ns/pF) CL
5
100
200
ns
76 ns
+ (0,48 ns/pF) CL
LOW to HIGH
10
tPLH
50
100
ns
40 ns
+ (0,20 ns/pF) CL
15
40
80
ns
33 ns
+ (0,15 ns/pF) CL
Output transition times
5
30
60
ns
10 ns
+ (0,40 ns/pF) CL
HIGH to LOW
10
tTHL
15
30
ns
6 ns
+ (0,18 ns/pF) CL
15
10
20
ns
4 ns
+ (0,13 ns/pF) CL
5
45
90
ns
10 ns
+ (0,70 ns/pF) CL
LOW to HIGH
10
tTLH
25
50
ns
9 ns
+ (0,33 ns/pF) CL
15
16
32
ns
5 ns
+ (0,23 ns/pF) CL
Maximum clock
5
3,5
7
MHz
pulse frequency
10
fmax
7,5
15
MHz
15
10,0
20
MHz


Similar Part No. - HEF4059B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEF4059B ETC2-HEF4059B Datasheet
61Kb / 6P
   Programmable divide-by-n counter
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
   Programmable divide-by-n counter
More results

Similar Description - HEF4059B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
   Programmable divide-by-n counter
1998 Jul 08
logo
List of Unclassifed Man...
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
   Programmable divide-by-n counter
logo
Texas Instruments
CD4059AE TI1-CD4059AE Datasheet
533Kb / 14P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4059A TI-CD4059A Datasheet
394Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
   PRESETTABLE DIVIDE-BY-N COUNTER
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
   PRESTTABLE DIVIDE-BY-N COUNTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com