Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX213IDBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MAX213IDBR
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX213IDBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX213IDBR Datasheet HTML 2Page - Texas Instruments MAX213IDBR Datasheet HTML 3Page - Texas Instruments MAX213IDBR Datasheet HTML 4Page - Texas Instruments MAX213IDBR Datasheet HTML 5Page - Texas Instruments MAX213IDBR Datasheet HTML 6Page - Texas Instruments MAX213IDBR Datasheet HTML 7Page - Texas Instruments MAX213IDBR Datasheet HTML 8Page - Texas Instruments MAX213IDBR Datasheet HTML 9Page - Texas Instruments MAX213IDBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.ti.com
RECEIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
ESD Protection
MAX213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS680 – DECEMBER 2005
over operating free-air temperature range (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA
VCC – 0.4
V
VOL
Low-level output voltage
IOH = 1.6 mA
0.4
V
Active mode
1.7
2.4
Positive-going
VIT+
VCC = 5 V, TA = 25°C
V
input threshold voltage
Shutdown mode (R4–R5)
1.5
2.4
Active mode
0.8
1.2
Negative-going
VIT–
VCC = 5 V, TA = 25°C
V
input threshold voltage
Shutdown mode (R4–R5)
0.6
1.5
Vhys(3)
Input hysteresis (VIT+, VIT–)
VCC = 5 V
0.5
1
V
rI
Input resistance
VCC = 5 V, TA = 25°C
3
5
7
k
Output leakage current
EN = 0 V, 0
≤ ROUT ≤ V
CC, R1–R3
±0.05
±10
µA
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
No hysteresis in shudown mode
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
SHDN = VCC
0.5
10
Propagation delay time,
tPLH(R)
CL = 150 pF,
See Figure 4
µs
low- to high-level output
SHDN = 0 V, R4–R5
4
40
Propagation delay time,
tPHL(R)
CL = 150 pF,
See Figure 4
0.5
10
µs
high- to low-level output
ten
Output enable time
CL = 150 pF,
See Figure 5
600
ns
tdis
Output disable time
CL = 150 pF,
See Figure 5
200
ns
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
over operating free-air temperature range (unless otherwise noted)
PIN
TEST CONDITIONS
TYP
UNIT
RIN
Human-Body Model
±15
kV
6


Similar Part No. - MAX213IDBR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX213 MAXIM-MAX213 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX213 MAXIM-MAX213 Datasheet
184Kb / 8P
   Broadband, Two-Output, Low-Noise Amplifier for TV Tuner Applications
19-1806; Rev 1; 8/03
MAX213 MAXIM-MAX213 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX213 MAXIM-MAX213 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX213 ARTSCHIP-MAX213 Datasheet
4Mb / 20P
   Transceivers External Capacitors
More results

Similar Description - MAX213IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com