Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3237ECDBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3237ECDBR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3237ECDBR Datasheet(HTML) 1 Page - Texas Instruments

  MAX3237ECDBR Datasheet HTML 1Page - Texas Instruments MAX3237ECDBR Datasheet HTML 2Page - Texas Instruments MAX3237ECDBR Datasheet HTML 3Page - Texas Instruments MAX3237ECDBR Datasheet HTML 4Page - Texas Instruments MAX3237ECDBR Datasheet HTML 5Page - Texas Instruments MAX3237ECDBR Datasheet HTML 6Page - Texas Instruments MAX3237ECDBR Datasheet HTML 7Page - Texas Instruments MAX3237ECDBR Datasheet HTML 8Page - Texas Instruments MAX3237ECDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C2 +
GND
C2−
V−
DOUT1
DOUT2
DOUT3
RIN1
RIN2
DOUT4
RIN3
DOUT5
EN
SHDN
C1+
V+
VCC
C1−
DIN1
DIN2
DIN3
ROUT1
ROUT2
DIN4
ROUT3
DIN5
ROUT1B
MBAUD
DB, DW, OR PW PACKAGE
(TOP VIEW)
QFN PACKAGE
(TOP VIEW)
C1–
DIN1
IN2
DIN3
ROUT1
ROUT2
DIN4
ROUT3
DOUT1
DOUT2
DOUT3
RIN1
RIN2
DOUT4
RIN3
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
31
32
30 29 28 27 26 25
10
9
11 12 13 14 15 16
DESCRIPTION
DESCRIPTION (CONTINUED)
MAX3237E
3-V TO 5.5-V MULTICHANNEL RS-232
1-MBit/s LINE DRIVER/RECEIVER
SLLS709A – MAY 2006 – REVISED OCTOBER 2006
Meets or Exceeds the Requirements of
ESD Protection for RS-232 I/O Pins and Logic
TIA/EIA-232-F and ITU v.28 Standards
Input pins
Operates With 3-V to 5.5-V V
CC Supply
±15 kV – Human-Body Model (HBM)
Operates From 250 kbits/s to 1 Mbit/s
±8 kV – IEC61000-4-2, Contact Discharge
Low Standby Current . . . 1
µA Typical
±15 kV – IEC61000-4-2, Air-Gap Discharge
External Capacitors . . . 4
× 0.1 µF
Accepts 5-V Logic Input With 3.3-V Supply
Battery-Powered, Hand-Held, and Portable
Designed to Be Interchangeable With Maxim
Equipment
MAX3237E
PDAs and Palmtop PCs
Latch-Up Performance Exceeds 100 mA Per
Notebooks, Sub-Notebooks, and Laptops
JESD 78, Class II
Digital Cameras
Mobile Phones and Wireless Devices
The MAX3237E consists of five line drivers, three line receivers, and a dual charge-pump circuit with
±15-kV
ESD protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 3-V to
5.5-V supply. This device operates at data signaling rates of 250 kbit/s in normal operating mode
(MBAUD = GND) and 1Mbit/s when MBAUD = VCC. The driver output slew rate is a maximum of 30 V/µs.
The MAX3237E transmitters are disabled and the outputs are forced into high-impedance state when the device
is in shutdown mode (SHDN = GND) and the supply current falls to less than 1
µA. Also, during shutdown, the
onboard charge pump is disabled; V+ is lowered to VCC, and V– is raised toward GND. Receiver outputs also
can be placed in the high-impedance state by setting enable (EN) high. ROUT1B remains active all the time,
regardless of the EN and SHDN condition.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX3237ECDBR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3237ECAI MAXIM-MAX3237ECAI Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3237ECAI MAXIM-MAX3237ECAI Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
More results

Similar Description - MAX3237ECDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3237E TI-TRS3237E_1 Datasheet
411Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
TRS3237E TI-TRS3237E Datasheet
404Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E_08 Datasheet
392Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com