Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-4563 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SGA-4563
Description  DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-4563 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SGA-4563 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-4563 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-4563 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-4563 Datasheet HTML 4Page - SIRENZA MICRODEVICES SGA-4563 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
EDS-101803 Rev. D
Preliminary
SGA-4563 DC-2500 MHz Cascadable MMIC Amplifier
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
0
8
16
24
32
012
345
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
NOTE: Full S-parameter data available at www.sirenza.com
-40
-30
-20
-10
0
01
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
-30
-25
-20
-15
-10
012
345
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
012
345
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
T
L
T
L
Typical RF Performance Over Temperature ( Bias: V
D= 3.5 V, ID= 45 mA (Typ.) )
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency


Similar Part No. - SGA-4563

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4563 ETC-SGA-4563 Datasheet
265Kb / 5P
   DC-2500 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
More results

Similar Description - SGA-4563

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Stanford Microdevices
SGA-4463 STANFORD-SGA-4463 Datasheet
406Kb / 5P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-2163 SIRENZA-SGA-2163 Datasheet
254Kb / 5P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2286 SIRENZA-SGA-2286 Datasheet
90Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4186 SIRENZA-SGA-4186 Datasheet
88Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5589 SIRENZA-SGA-5589 Datasheet
86Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com