Electronic Components Datasheet Search |
|
TL062CPWRE4 Datasheet(PDF) 8 Page - Texas Instruments |
|
TL062CPWRE4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 39 page TL061, TL061A, TL061B, TL062, TL062A TL062B, TL064, TL064A, TL064B LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TL061M TL062M TL064M UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VO = 0, TA = 25°C 3 6 3 9 mV VIO Input offset voltage VO = 0, RS =50 Ω TA = −55°C to 125°C 9 15 mV α V IO Temperature coefficient of input offset voltage VO = 0, RS =50 Ω, TA = −55°C to 125°C 10 10 µV/°C TA = 25°C 5 100 5 100 pA IIO Input offset current VO = 0 TA = −55°C 20* 20* nA IIO Input offset current VO = 0 TA = 125°C 20 20 nA TA = 25°C 30 200 30 200 pA IIB Input bias current‡ VO = 0 TA = −55°C 50* 50* nA IIB Input bias current‡ VO = 0 TA = 125°C 50 50 nA VICR Common-mode input voltage range TA = 25°C ±11.5 −12 to 15 ±11.5 −12 to 15 V VOM Maximum peak output RL = 10 kΩ, TA = 25°C ±10 ±13.5 ±10 ±13.5 V VOM Maximum peak output voltage swing RL ≥ 10 kΩ, TA = −55°C to 125°C ±10 ±10 V AVD Large-signal differential VO = ±10 V, TA = 25°C 4 6 4 6 V/mV AVD voltage amplification VO = ±10 V, RL ≥ 10 kΩ TA = −55°C to 125°C 4 4 V/mV B1 Unity-gain bandwidth RL = 10 kΩ, TA = 25°C MHz ri Input resistance TA = 25°C 1012 1012 Ω CMRR Common-mode rejection ratio VIC = VICRmin, VO = 0, RS =50 Ω, TA = 25°C 80 86 80 86 dB kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VCC = ±9 V to ±15 V, VO = 0, RS =50 Ω, TA = 25°C 80 95 80 95 dB PD Total power dissipation (each amplifier) VO = 0, No load TA = 25°C, 6 7.5 6 7.5 mW ICC Supply current (each amplifier) VO = 0, No load TA = 25°C, 200 250 200 250 µA VO1/VO2 Crosstalk attenuation AVD = 100, TA = 25°C 120 120 dB * This parameter is not production tested. † All characteristics are measured under open-loop conditions, with zero common-mode voltage, unless otherwise specified. ‡ Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 15. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible. operating characteristics, VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew rate at unity gain (see Note 5) VI = 10 V, RL = 10 kΩ, CL = 100 pF, See Figure 1 1.5 3.5 V/ µs tr Rise time VI = 20 mV, RL = 10 kΩ, 0.2 s Overshoot factor VI = 20 mV, CL = 100 pF, RL = 10 kΩ, See Figure 1 10% µs Vn Equivalent input noise voltage RS = 20 Ω, f = 1 kHz 42 nV/ √Hz NOTE 5: Slew rate at −55 °C to 125°C is 0.7 V/µs min. |
Similar Part No. - TL062CPWRE4 |
|
Similar Description - TL062CPWRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |