Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-6486 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SGA-6486
Description  DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-6486 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SGA-6486 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-6486 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-6486 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-6486 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EDS-100615 Rev F
Preliminary
SGA-6486 DC-4500 MHz Cascadable MMIC Amplifier
303 Technology Court, Broomfield, CO, 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
-30
-25
-20
-15
-10
012
3
4
5
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
01
23
4
5
Frequency (GHz)
+25°C
-40°C
+85°C
0
6
12
18
24
01
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
01
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
|S
12| vs. Frequency
V
D= 5.1 V,
I
D= 75 mA
|S
22| vs. Frequency
V
D= 5.1 V,
I
D= 75 mA
T
L
T
L
T
L
T
L
|S
11| vs. Frequency
V
D= 5.1 V,
I
D= 75 mA
|S
21| vs. Frequency
V
D= 5.1 V,
I
D= 75 mA
* Note: In the applications circuit on page 4, R
BIAS compensates for voltage and current variation over temperature.
V
D vs. Temperature for Constant ID = 75 mA
V
D vs. ID over Temperature
for fixed
V
S= 8 V, RBIAS= 39 ohms *
60
65
70
75
80
85
90
4.7
4.9
5.1
5.3
5.5
VD(Volts)
+85°C
+25°C
-40°C
4.7
4.9
5.1
5.3
5.5
5.7
-40
-15
10
35
60
85
Temperature(°C)


Similar Part No. - SGA-6486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
More results

Similar Description - SGA-6486

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6289 ETC-SGA-6289 Datasheet
475Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-5389 ETC-SGA-5389 Datasheet
443Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-6389 SIRENZA-SGA-6389 Datasheet
93Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4486 SIRENZA-SGA-4486 Datasheet
89Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-4386 ETC-SGA-4386 Datasheet
413Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-5389 SIRENZA-SGA-5389 Datasheet
86Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com