Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-7489Z Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SGA-7489Z
Description  DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-7489Z Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SGA-7489Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-7489Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-7489Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-7489Z Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
EDS-101801 Rev D
Product Description
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this
information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or
granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc.. All worldwide rights
SGA-7489
SGA-7489Z Pb RoHS Compliant
&
Package
Green
DC-3000 MHz Silicon Germanium
HBT Cascadeable Gain Block
Product Features
Now available in Lead Free, RoHS
Compliant, & Green Packaging
DC-3000 MHz Operation
• Very High IF Output IP3: 39dBm at 100MHz
• High Output IP3: +35.5 dBm typ. at 850 MHz
• Low Noise Figure: 3.3 dB typ. at 1950 MHz
Applications
Oscillator Amplifiers
• PA for Low / Medium Power Applications
• IF/ RF Buffer Amplifier
• Drivers for CATV Amplifiers
• LO Driver Amplifier
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
)
z
H
M
(
.
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
0
5
8
0
5
9
15
.
8
1
4
.
2
2
0
.
0
2
m
B
d
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O
)
5
e
g
a
p
e
e
s
(
.
t
k
C
.
p
p
A
z
H
G
2
g
n
i
s
U
*
0
0
1
0
5
8
0
5
9
1
*
0
5
9
1
0
.
1
3
0
.
9
3
5
.
5
3
0
.
3
3
*
0
.
6
3
m
B
d
S
1
2
n
i
a
G
l
a
n
g
i
S
l
l
a
m
S
0
5
8
0
5
9
1
0
.
0
2
0
.
7
1
5
.
1
2
5
.
8
1
0
.
3
2
0
.
0
2
B
d
h
t
d
i
w
d
n
a
B)
B
d
9
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
D
0
0
0
3z
H
M
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
I0
5
9
13
.
0
10
.
5
1B
d
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O0
5
9
10
.
90
.
1
1B
d
S
2
1
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R0
5
9
10
.
3
2B
d
F
NZ
,
e
r
u
g
i
F
e
s
i
o
N
S
s
m
h
O
0
5
=0
5
9
13
.
33
.
4B
d
V
D
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
e
c
i
v
e
D7
.
40
.
53
.
5V
I
D
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
e
c
i
v
e
D3
0
15
1
17
2
1A
m
R
H
T
l
-
j
,)
d
a
e
l
-
n
o
i
t
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
2
8
o
W
/
C
Test Conditions:
The SGA-7489 is a high performance SiGe HBT
MMIC Amplifier. A Darlington configuration featuring
1 micron emitters provides high FT and excellent
thermal perfomance. The heterojunction increases
breakdown voltage and minimizes leakage current
between junctions. Cancellation of emitter junction
non-linearities results in higher suppression of
intermodulation products. Only 2 DC-blocking ca-
pacitors, a bias resistor and an optional RF choke
are required for operation.
The matte tin finish on Sirenza’s lead-free package
utilizes a post annealing process to mitigate tin whis-
ker formation and is RoHS compliant per EU Direc-
tive 2002/95. This package is also manufactured
with green molding compounds that contain no an-
timony trioxide nor halogenated fire retardants.
Gain, Return Loss, and Isolation vs. Frequency
VD=5.0V, ID=115mA(Typ), TLEAD=+25C
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
Input Return
Loss
Output
Return Loss
Isolation
Gain
V
S = 8 V
I
D = 115 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
Bias Resistance = 26 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
NOTE: The recommended operating current in the preliminary datasheet was 130mA. Supplemental measurements have since shown
that an operating current of 115mA results in optimal RF performance over temperature. Continued operation at 130mA is reliable,
however, the recommended operating current has been changed to 115mA.


Similar Part No. - SGA-7489Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-7489 STANFORD-SGA-7489 Datasheet
521Kb / 8P
   DC-3000 MHZ SILICON GERMANIUM
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results

Similar Description - SGA-7489Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-2386 STANFORD-SGA-2386 Datasheet
230Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-5489 ETC-SGA-5489 Datasheet
303Kb / 8P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 ETC-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-2363 STANFORD-SGA-2363 Datasheet
333Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
SIRENZA MICRODEVICES
SGA-1263 SIRENZA-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
List of Unclassifed Man...
SGA-4586 ETC-SGA-4586 Datasheet
671Kb / 8P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-5386 STANFORD-SGA-5386 Datasheet
225Kb / 7P
   DC-3200 MHz Silicon Germanium HBT Cascadeable Gain Block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com