Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4067B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4067B
Description  16-channel analogue multiplexer/demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4067B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4067B Datasheet HTML 1Page - NXP Semiconductors HEF4067B Datasheet HTML 2Page - NXP Semiconductors HEF4067B Datasheet HTML 3Page - NXP Semiconductors HEF4067B Datasheet HTML 4Page - NXP Semiconductors HEF4067B Datasheet HTML 5Page - NXP Semiconductors HEF4067B Datasheet HTML 6Page - NXP Semiconductors HEF4067B Datasheet HTML 7Page - NXP Semiconductors HEF4067B Datasheet HTML 8Page - NXP Semiconductors HEF4067B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
January 1995
5
Philips Semiconductors
Product specification
16-channel analogue
multiplexer/demultiplexer
HEF4067B
MSI
DC CHARACTERISTICS
Tamb =25 °C
VDD
V
SYMBOL
TYP.
MAX.
CONDITIONS
5
350
2500
Vis =VSS to VDD
see Fig.5
ON resistance
10
RON
80
245
15
60
175
5
115
340
Vis =VSS
see Fig.5
ON resistance
10
RON
50
160
15
40
115
5
120
365
Vis =VDD
see Fig.5
ON resistance
10
RON
65
200
15
50
155
∆’ ON resistance
5
25
−Ω
Vis =VSS to VDD
see Fig.5
between any two
10
∆RON
10
−Ω
channels
15
5
−Ω
OFF-state leakage
5
−−
nA
E at VDD
current, all
10
IOZZ
−−
nA
channels OFF
15
1000
nA
OFF-state leakage
5
−−
nA
E at VSS
current, any
10
IOZY
−−
nA
channel
15
200
nA
Fig.5 Test set-up for measuring RON.


Similar Part No. - HEF4067B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
logo
Nexperia B.V. All right...
HEF4067B NEXPERIA-HEF4067B Datasheet
278Kb / 16P
   16-channel analog multiplexer/demultiplexer
Rev. 9 - 6 January 2022
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
HEF4067BP NXP-HEF4067BP Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
More results

Similar Description - HEF4067B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051B PHILIPS-HEF4051B Datasheet
121Kb / 9P
   8-channel analogue multiplexer/demultiplexer
January 1995
HEF4053B PHILIPS-HEF4053B Datasheet
118Kb / 9P
   Triple 2-channel analogue multiplexer/demultiplexer
January 1995
HEF4052B PHILIPS-HEF4052B Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com