Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3318CPWR
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3318CPWR Datasheet(HTML) 1 Page - Texas Instruments

  MAX3318CPWR Datasheet HTML 1Page - Texas Instruments MAX3318CPWR Datasheet HTML 2Page - Texas Instruments MAX3318CPWR Datasheet HTML 3Page - Texas Instruments MAX3318CPWR Datasheet HTML 4Page - Texas Instruments MAX3318CPWR Datasheet HTML 5Page - Texas Instruments MAX3318CPWR Datasheet HTML 6Page - Texas Instruments MAX3318CPWR Datasheet HTML 7Page - Texas Instruments MAX3318CPWR Datasheet HTML 8Page - Texas Instruments MAX3318CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
READY
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
FORCEOFF
VCC
GND
DOUT1
RIN1
ROUT1
FORCEON
DIN1
DIN2
INVALID
DB OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
MAX3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH
±15-kV ESD PROTECTION
SLLS687 – OCTOBER 2005
Cellular Phones
Notebooks
ESD Protection for RS-232 I/O Pins
Hand-Held Equipment
±15 kV (Human-Body Model)
Pagers
±8 kV (IEC 61000, Contact Discharge)
±8 kV (IEC 61000, Air-Gap Discharge)
300-
µA Operating Supply Current
1-
µA Low-Power Standby (With Receivers
Active) Mode
Designed to Transmit at a Data Rate of
460 kbps
Auto-Power-Down Plus Option Features
Flexible Power-Saving Mode
Operates From a Single 2.25-V to 3-V VCC
Supply
Battery-Powered Systems
PDAs
The
MAX3318
is
a
dual-driver,
dual-receiver,
RS-232
compatible
transceiver.
The
device
features
auto-power-down plus and enhanced electrostatic discharge (ESD) protection integrated into the chip. Driver
output and receiver input are protected to
±8 kV using the IEC 61000 Air-Gap Discharge method, ±8 kV using
the IEC 61000 Contact Discharge method, and
±15 kV using the Human-Body Model (HBM).
The device operates at a data rate of 460 kbps. The transceiver has a proprietary low-dropout driver output stage
enabling RS-232-compatible operation from a 2.25-V to 3-V supply with a dual charge pump. The charge pump
requires only four 0.1-
µF capacitors and features a logic-level output (READY) that asserts when the charge
pump is regulating and the device is ready to begin transmitting.
The MAX3318 achieves a 1-
µA supply current using the auto-power-down feature. This device automatically
enters a low-power power-down mode when the RS-232 cable is disconnected or the drivers of the connected
peripherals are inactive for more than 30 s. The device turns on again when it senses a valid transition at any
driver or receiver input. Auto power down saves power without changes to the existing BIOS or operating
system.
This device is available in two space-saving packages: 20-pin SSOP and 20-pin TSSOP.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX3318CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318CPWR TI1-MAX3318CPWR Datasheet
776Kb / 18P
[Old version datasheet]   TRANSCEIVER WITH ESD PROTECTION
More results

Similar Description - MAX3318CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E_1 Datasheet
356Kb / 20P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com