Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3386E Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3386E
Description  RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3386E Datasheet(HTML) 3 Page - Texas Instruments

  MAX3386E Datasheet HTML 1Page - Texas Instruments MAX3386E Datasheet HTML 2Page - Texas Instruments MAX3386E Datasheet HTML 3Page - Texas Instruments MAX3386E Datasheet HTML 4Page - Texas Instruments MAX3386E Datasheet HTML 5Page - Texas Instruments MAX3386E Datasheet HTML 6Page - Texas Instruments MAX3386E Datasheet HTML 7Page - Texas Instruments MAX3386E Datasheet HTML 8Page - Texas Instruments MAX3386E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
Electrical Characteristics
MAX3386E
RS-232 TRANSCEIVER
WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
SLLS659 – MAY 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX UNIT
VCC to GND
–0.3
6
V
VL to GND
–0.3
VCC + 0.3
V
V+ to GND
–0.3
7
V
V– to GND
0.3
– 7
V
V+ + |V–|(2)
13
V
DIN, PWRDWN to GND
–0.3
6
VI
Input voltage
V
RIN to GND
±25
DOUT to GND
±13.2
VO
Output voltage
V
ROUT
–0.3
VL + 0.3
Short-circuit duration DOUT to GND
Continuous
TA = 70°C, 20-pin TSSOP
Continuous power dissipation
559
mW
(derate 7 mW/
°C above 70°C)
TJ
Junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
(2)
V+ and V– can have maximum magnitudes of 7 V, but their absolute difference cannot exceed 13 V.
MIN
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VL
Supply voltage
1.65
VCC
V
VL = 3 V or 5.5 V
0.8
Input logic threshold low
DIN, PWRDWN
VL = 2.3 V
0.6
V
VL = 1.65 V
0.5
VL = 5.5 V
2.4
VL = 3 V
2.0
Input logic threshold high
DIN, PWRDWN
V
VL = 2.7 V
1.4
VL = 1.95 V
0.9
MAX3386ECPWR
0
70
Operating temperature
°C
MAX3386EIPWR
–40
85
Receiver input voltage
–25
25
V
over operating free-air temperature range, V
CC = VL = 3 V to 5.5 V, C1–C4 = 0.1 µF (tested at 3.3 V ± 10%), C1 = 0.047 µF,
C2–C4 = 0.33
µF (tested at 5 V ± 10%) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DC Characteristics (VCC = 3.3 V or 5 V, TA = 25°C)
Powerdown supply current
PWRDWN = GND, All inputs at VCC or GND
1
10
µA
Supply current
PWRDWN = VCC, No load
0.3
1
mA
(1)
Typical values are at VCC = VL = 3.3 V, TA = 25°C.
3
Submit Documentation Feedback


Similar Part No. - MAX3386E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3386ECUP MAXIM-MAX3386ECUP Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3386EEUP MAXIM-MAX3386EEUP Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
More results

Similar Description - MAX3386E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3253E-EP TI1-TRS3253E-EP Datasheet
874Kb / 21P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3386E TI-TRS3386E Datasheet
375Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E Datasheet
637Kb / 19P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E_10 Datasheet
404Kb / 17P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3386E TI-TRS3386E_09 Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
   3V RS-232 Serial Transceiver with Logic Selector
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com