Selected language     English  ▼


MC3303_06 Datasheet(PDF) 1 Page - Texas Instruments

Part No. MC3303_06
Description  QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
MC3303, MC3403
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
SLOS101C – FEBRUARY 1979 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Range of Supply Voltages, Single
Supply ...3 V to 36 V or Dual Supplies
D Class AB Output Stage
D True Differential Input Stage
D Low Input Bias Current
D Internal Frequency Compensation
D Short-Circuit Protection
D Designed to Be Interchangeable With
Motorola MC3303, MC3403
description
The MC3303 and the MC3403 are quadruple operational amplifiers similar in performance to the
µA741, but
with several distinct advantages. They are designed to operate from a single supply over a range of voltages
from 3 V to 36 V. Operation from split supplies also is possible, provided the difference between the two supplies
is 3 V to 36 V. The common-mode input range includes the negative supply. Output range is from the negative
supply to VCC – 1.5 V. Quiescent supply currents are less than one-half those of the µA741.
The MC3303 is characterized for operation from –40
°C to 85°C, and the MC3403 is characterized for operation
from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGE
TA
VIOMAX
AT 25
°C
PLASTIC
SMALL OUTLINE
(D, NS)
PLASTIC SHRINK
SMALL OUTLINE
(DB)
PLASTIC
DIP
(N)
PLASTIC
THIN SHRINK
SMALL OUTLINE
(PW)
0
°C to 70°C
10 mV
MC3403D
MC3403NS
MC3403DB
MC3403N
MC3403PW
–40
°C to 85°C
8 mV
MC3303D
MC3303N
MC3303PW
The D package is available taped and reeled. Add R suffix to the device type (e.g., MC3403DR). The DB, NS,
and PW packages are only available taped and reeled.
logic diagram (each amplifier)
IN+
OUT
IN–
+
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN–
1IN+
VCC+
2IN+
2IN–
2OUT
4OUT
4IN–
4IN+
VCC–
3IN+
3IN–
3OUT
MC3303 ...D, N, OR PW PACKAGE
MC3403 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LPV321_07GENERAL-PURPOSE LOW-VOLTAGE LOW-POWER RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TLV255XADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TLC225X_01Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TLC271_01LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LM224QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 Unisonic Technologies
LM124_06QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TL061_06LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LM148_06QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LMV710SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
LP324ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl