Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4067BD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF4067BD
Description  16-channel analogue multiplexer/demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4067BD Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4067BD Datasheet HTML 1Page - NXP Semiconductors HEF4067BD Datasheet HTML 2Page - NXP Semiconductors HEF4067BD Datasheet HTML 3Page - NXP Semiconductors HEF4067BD Datasheet HTML 4Page - NXP Semiconductors HEF4067BD Datasheet HTML 5Page - NXP Semiconductors HEF4067BD Datasheet HTML 6Page - NXP Semiconductors HEF4067BD Datasheet HTML 7Page - NXP Semiconductors HEF4067BD Datasheet HTML 8Page - NXP Semiconductors HEF4067BD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
January 1995
2
Philips Semiconductors
Product specification
16-channel analogue
multiplexer/demultiplexer
HEF4067B
MSI
DESCRIPTION
The HEF4067B is a 16-channel analogue
multiplexer/demultiplexer with four address inputs (A0 to
A3), an active LOW enable input (E), sixteen independent
inputs/outputs (Y0 to Y15) and a common input/output (Z).
The device contains sixteen bidirectional analogue
switches, each with one side connected to an independent
input/output (Y0 to Y15) and the other side connected to
the common input/output (Z).
With E LOW, one of the sixteen switches is selected (low
impedance ON-state) by A0 to A3. All unselected switches
are in the high impedance OFF-state. With E HIGH all
switches are in the high impedance OFF-state,
independent of A0 to A3.
The analogue inputs/outputs (Y0 to Y15 and Z) can swing
between VDD as a positive limit and VSS as a negative
limit. VDD to VSS may not exceed 15 V.
Fig.1 Functional diagram.
FAMILY DATA, IDD LIMITS category MSI
See Family Specifications
PINNING
HEF4067BP(N):
24-lead DIL; plastic
(SOT101-1)
HEF4067BD(F):
24-lead DIL; ceramic (cerdip)
(SOT94)
HEF4067BT(D):
24-lead SO; plastic
(SOT137-1)
( ): Package Designator North America
Y0 to Y15
independent inputs/outputs
A0 to A3
address inputs
E
enable input (active LOW)
Z
common input/output
Fig.2 Pinning diagram.


Similar Part No. - HEF4067BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
logo
Nexperia B.V. All right...
HEF4067B NEXPERIA-HEF4067B Datasheet
278Kb / 16P
   16-channel analog multiplexer/demultiplexer
Rev. 9 - 6 January 2022
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
HEF4067BP NXP-HEF4067BP Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
More results

Similar Description - HEF4067BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051B PHILIPS-HEF4051B Datasheet
121Kb / 9P
   8-channel analogue multiplexer/demultiplexer
January 1995
HEF4053B PHILIPS-HEF4053B Datasheet
118Kb / 9P
   Triple 2-channel analogue multiplexer/demultiplexer
January 1995
HEF4052B PHILIPS-HEF4052B Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com