Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B96 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96
Description  DUAL BIDIRECTIONAL BUS BUFFER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P82B96 Datasheet(HTML) 4 Page - Texas Instruments

  P82B96 Datasheet HTML 1Page - Texas Instruments P82B96 Datasheet HTML 2Page - Texas Instruments P82B96 Datasheet HTML 3Page - Texas Instruments P82B96 Datasheet HTML 4Page - Texas Instruments P82B96 Datasheet HTML 5Page - Texas Instruments P82B96 Datasheet HTML 6Page - Texas Instruments P82B96 Datasheet HTML 7Page - Texas Instruments P82B96 Datasheet HTML 8Page - Texas Instruments P82B96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
P82B96
DUAL BIDIRECTIONAL BUS BUFFER
SCPS144A – MAY 2006 – REVISED SEPTEMBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
18
V
Sx or Sy (SDA or SCL)
–0.3
18
VI
Voltage range on buffered input
V
Rx or Ry
–0.3
18
Sx or Sy (SDA or SCL)
–0.3
18
VO
Voltage range on buffered output
V
Tx or Ty
–0.3
18
Sx or Sy
250
IO
Continuous output current
mA
Tx or Ty
250
ICC
Continuous current through VCC or GND
250
mA
D package
97
P package
85
θ
JA
Package thermal impedance(2)
°C/W
PW package
149
DGK package
172
Tstg
Storage temperature range
–55
125
°C
TA
Operating free-air temperature range
–40
85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2
15
V
Sx, Sy
VSx, VSy = 1 V, VRx, VRy ≤ 0.42 V
3
IOL
Low-level output current
mA
Tx, Ty
VSx, VSy = 0.4 V, VTx, VTy = 0.4 V
30
Sx, Sy
VTx, VTy = 0.4 V
15
VIOmax
Maximum input/output voltage level
V
Tx, Ty
VSx, VSy = 0.4 V
15
VILdiff
Low-level input voltage difference
Sx, Sy
0.4
V
TA
Operating free-air temperature
–40
85
°C
4
Submit Documentation Feedback


Similar Part No. - P82B96

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96 Datasheet
217Kb / 16P
   Dual bi-directional bus buffer
2004 Mar 26
P82B96 PHILIPS-P82B96 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 NXP-P82B96 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - P82B96

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com