Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33063ADE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MC33063ADE4
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33063ADE4 Datasheet(HTML) 5 Page - Texas Instruments

  MC33063ADE4 Datasheet HTML 1Page - Texas Instruments MC33063ADE4 Datasheet HTML 2Page - Texas Instruments MC33063ADE4 Datasheet HTML 3Page - Texas Instruments MC33063ADE4 Datasheet HTML 4Page - Texas Instruments MC33063ADE4 Datasheet HTML 5Page - Texas Instruments MC33063ADE4 Datasheet HTML 6Page - Texas Instruments MC33063ADE4 Datasheet HTML 7Page - Texas Instruments MC33063ADE4 Datasheet HTML 8Page - Texas Instruments MC33063ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
Q
S
R
CT
Ipk
Q2
Q1
2
1
CT
Comparator
_
+
1.25-V
Reference
Regulator
4
5
3
8
180
7
6
RSC
0.22
47 k
R2
L
170
µH
CO
1N5819
330
µF
1500 pF
R1
2.2 k
100
µF
+
+
VCC
Vout
28 V/175 mA
1.0
µH
100
µF
+
Optional Filter
Vin
12 V
V
out + 1.25 (1 )
R2
R1
)
MC33063A, MC34063A
1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
SLLS636J – DECEMBER 2004 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS (continued)
Figure 6. Step-Up Converter
TEST
CONDITIONS
RESULTS
Line regulation
VIN = 8 V to 16 V, IO = 175 mA
30 mV
± 0.05%
Load regulation
VIN = 12 V, IO = 75 mA to 175 mA
10 mV
± 0.017%
Output ripple
VIN = 12 V, IO = 175 mA
400 mVPP
Efficiency
VIN = 12 V, IO = 175 mA
87.7%
Output ripple with optional filter
VIN = 12 V, IO = 175 mA
40 mVPP
5


Similar Part No. - MC33063ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063ADE4 TI-MC33063ADE4 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063ADE4 TI1-MC33063ADE4 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Similar Description - MC33063ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com