Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9534 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9534 Datasheet HTML 6Page - Texas Instruments PCA9534 Datasheet HTML 7Page - Texas Instruments PCA9534 Datasheet HTML 8Page - Texas Instruments PCA9534 Datasheet HTML 9Page - Texas Instruments PCA9534 Datasheet HTML 10Page - Texas Instruments PCA9534 Datasheet HTML 11Page - Texas Instruments PCA9534 Datasheet HTML 12Page - Texas Instruments PCA9534 Datasheet HTML 13Page - Texas Instruments PCA9534 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
PCA9534
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS124B – SEPTEMBER 2006 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6
V
VI
Input voltage range(2)
–0.5
6
V
VO
Output voltage range(2)
–0.5
6
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–20
mA
IIOK
Input/output clamp current
VO < 0 or VO > VCC
±20
mA
IOL
Continuous output low current
VO = 0 to VCC
50
mA
IOH
Continuous output high current
VO = 0 to VCC
–50
mA
Continuous current through GND
–250
ICC
mA
Continuous current through VCC
160
DB package
82
DBQ package
90
DGV package
86
DW package
46
θ
JA
Package thermal impedance(3)
°C/W
N package
67
PW package
88
RGT package
TBD
RGV package
TBD
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
SCL, SDA
0.7
× V
CC
5.5
VIH
High-level input voltage
V
A0, A1, A2, P7–P0
2
5.5
SCL, SDA
–0.5
0.3
× V
CC
VIL
Low-level input voltage
V
A0, A1, A2, P7–P0
–0.5
0.8
IOH
High-level output current
P7–P0
–10
mA
IOL
Low-level output current
P7–P0
25
mA
TA
Operating free-air temperature
–40
85
°C
10
Submit Documentation Feedback


Similar Part No. - PCA9534

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
   8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9534 NXP-PCA9534 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9534 TI1-PCA9534 Datasheet
1Mb / 40P
[Old version datasheet]   Interrupt Output and Configuration Registers
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com