Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8550DE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCA8550DE4
Description  NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA8550DE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCA8550DE4 Datasheet HTML 2Page - Texas Instruments PCA8550DE4 Datasheet HTML 3Page - Texas Instruments PCA8550DE4 Datasheet HTML 4Page - Texas Instruments PCA8550DE4 Datasheet HTML 5Page - Texas Instruments PCA8550DE4 Datasheet HTML 6Page - Texas Instruments PCA8550DE4 Datasheet HTML 7Page - Texas Instruments PCA8550DE4 Datasheet HTML 8Page - Texas Instruments PCA8550DE4 Datasheet HTML 9Page - Texas Instruments PCA8550DE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
DUT
RL = 1 kΩ
VO = 3.3 V
CL = 10 pF or
CL = 400 pF
GND
Tbuf
Ticr
Tsth
Tsds
Tsdh
ticf
ticr
Tscl
Tsch
Tsts
tPHL
tPLH
0.7
× VCC
Stop
Condition
Tsps
Repeat
Start
Condition
Start or
Repeat
Start
Condition
SCL
SDA
Start
Condition
(S)
Bit 7
MSB
Bit 6
Bit 0
LSB
(R/W)
Acknowledge
(A)
Stop
Condition
(P)
2 Bytes for Complete Device
Programming
LOAD CIRCUIT
VOLTAGE WAVEFORMS
Ticf
Stop
Condition
(P)
Tsp
tsu
WP
2.7 V
0 V
1.5 V
1.5 V
th
0.3
× VCC
0.7
× VCC
0.3
× VCC
BYTE
DESCRIPTION
1
2
I2C address
Nonvolatile register data
PCA8550
NONVOLATILE 5-BIT REGISTER
WITH I2C INTERFACE
SCPS050C – MARCH 1999 – REVISED MAY 2005
Figure 1. I2C Interface Load Circuit and Voltage Waveforms
6


Similar Part No. - PCA8550DE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550D PHILIPS-PCA8550D Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
logo
Texas Instruments
PCA8550D TI-PCA8550D Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
NXP Semiconductors
PCA8550DB PHILIPS-PCA8550DB Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
logo
Texas Instruments
PCA8550DB TI-PCA8550DB Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
More results

Similar Description - PCA8550DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
Siemens Semiconductor G...
SDA2546-5 SIEMENS-SDA2546-5 Datasheet
142Kb / 12P
   Nonvolatile Memory 4-Kbit E2PROM with I2C Bus Interface
logo
Maxim Integrated Produc...
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
logo
List of Unclassifed Man...
FM573 ETC-FM573 Datasheet
94Kb / 10P
   Nonvolatile Octal Latch/Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com