Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9538RGVR Datasheet(PDF) 9 Page - Texas Instruments

Part # PCA9538RGVR
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538RGVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9538RGVR Datasheet HTML 5Page - Texas Instruments PCA9538RGVR Datasheet HTML 6Page - Texas Instruments PCA9538RGVR Datasheet HTML 7Page - Texas Instruments PCA9538RGVR Datasheet HTML 8Page - Texas Instruments PCA9538RGVR Datasheet HTML 9Page - Texas Instruments PCA9538RGVR Datasheet HTML 10Page - Texas Instruments PCA9538RGVR Datasheet HTML 11Page - Texas Instruments PCA9538RGVR Datasheet HTML 12Page - Texas Instruments PCA9538RGVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
Reads
0
1
1
S
0
1
A1 A0 0
A
A
Data from Register
Slave Address
Slave Address
R/W
ACK From
Slave
Command Byte
ACK From
Slave
S
0
1
1
0
1
A1 A0
R/W
1 A
Data
A
ACK From
Master
Data
Data from Register
NACK From
Master
NA P
Last Byte
ACK From
Slave
SCL
SDA
INT
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Master
NACK From
Master
ACK From
Slave
Data From Port
Slave Address
Data From Port
1
9
8
7
6
5
4
3
2
0
1
1
S
0
1
A1 A0 0
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
tiv
tph
tps
tir
Data 5
PCA9538
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS126D – SEPTEMBER 2006 – REVISED MARCH 2007
The bus master first must send the PCA9538 address with the LSB set to a logic 0 (see Figure 4 for device
address). The command byte is sent after the address and determines which register is accessed. After a
restart, the device address is sent again but, this time, the LSB is set to a logic 1. Data from the register defined
by the command byte then is sent by the PCA9538 (see Figure 8 and Figure 9). After a restart, the value of the
register defined by the command byte matches the register being accessed when the restart occurred. Data is
clocked into the register on the rising edge of the ACK clock pulse. There is no limitation on the number of data
bytes received in one read transmission, but when the final byte is received, the bus master must not
acknowledge the data.
Figure 8. Read From Register
<br/>
A.
This figure assumes the command byte has previously been programmed with 00h.
B.
Transfer of data can be stopped at any moment by a Stop condition.
C.
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from the P port. See Figure 8 for these details.
Figure 9. Read From Input Port Register
9
Submit Documentation Feedback


Similar Part No. - PCA9538RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9538RGVR TI-PCA9538RGVR Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9538RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com