Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9536DG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9536DG4
Description  REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9536DG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9536DG4 Datasheet HTML 6Page - Texas Instruments PCA9536DG4 Datasheet HTML 7Page - Texas Instruments PCA9536DG4 Datasheet HTML 8Page - Texas Instruments PCA9536DG4 Datasheet HTML 9Page - Texas Instruments PCA9536DG4 Datasheet HTML 10Page - Texas Instruments PCA9536DG4 Datasheet HTML 11Page - Texas Instruments PCA9536DG4 Datasheet HTML 12Page - Texas Instruments PCA9536DG4 Datasheet HTML 13Page - Texas Instruments PCA9536DG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
PCA9536
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER
WITH CONFIGURATION REGISTERS
SCPS125C – APRIL 2006 – REVISED NOVEMBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6
V
VI
Input voltage range(2)
–0.5
6
V
VO
Output voltage range(2)
–0.5
6
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–20
mA
IIOK
Input/output clamp current
VO < 0 or VO > VCC
±20
mA
IOL
Continuous output low current
VO = 0 to VCC
50
mA
IOH
Continuous output high current
VO = 0 to VCC
–50
mA
Continuous current through GND
–200
ICC
mA
Continuous current through VCC
160
D package
97
DCU package
227
θ
JA
Package thermal impedance(3)
°C/W
DGK package
172
YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
SCL, SDA
0.7
× V
CC
5.5
VIH
High-level input voltage
V
P3–P0
2
5.5
SCL, SDA
–0.5
0.3
× V
CC
VIL
Low-level input voltage
V
P3–P0
–0.5
0.8
IOH
High-level output current
P3–P0
–10
mA
IOL
Low-level output current
P3–P0
25
mA
TA
Operating free-air temperature
–40
85
°C
10
Submit Documentation Feedback


Similar Part No. - PCA9536DG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536D NXP-PCA9536D Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
PCA9536D PHILIPS-PCA9536D Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
PCA9536DP PHILIPS-PCA9536DP Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536DP NXP-PCA9536DP Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
More results

Similar Description - PCA9536DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9536 TI-TCA9536 Datasheet
1Mb / 34P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
SCPS275 ??JULY 2021
TCA9536 TI-TCA9536_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9536 TI1-TCA9536_V03 Datasheet
1Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
REVISED DECEMBER 2021
TCA9537 TI-TCA9537 Datasheet
2Mb / 36P
[Old version datasheet]   TCA9537 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
FEBRUARY 2022
TCA9536 TI-TCA9536_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com