Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9534DB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534DB
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534DB Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9534DB Datasheet HTML 5Page - Texas Instruments PCA9534DB Datasheet HTML 6Page - Texas Instruments PCA9534DB Datasheet HTML 7Page - Texas Instruments PCA9534DB Datasheet HTML 8Page - Texas Instruments PCA9534DB Datasheet HTML 9Page - Texas Instruments PCA9534DB Datasheet HTML 10Page - Texas Instruments PCA9534DB Datasheet HTML 11Page - Texas Instruments PCA9534DB Datasheet HTML 12Page - Texas Instruments PCA9534DB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
Reads
A2
0
1
S
0
0
A1 A0 0
A
A
Data from Register
Slave Address
Slave Address
R/W
ACK From
Slave
Command Byte
ACK From
Slave
S
A2
0
1
0
0
A1 A0
R/W
1 A
Data
A
ACK From
Master
Data
Data from Register
NACK From
Master
NA P
Last Byte
ACK From
Slave
SCL
SDA
INT
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Master
NACK From
Master
ACK From
Slave
Data From Port
Slave Address
Data From Port
1
9
8
7
6
5
4
3
2
A2
0
1
S
0
0
A1 A0 0
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
tiv
tph
tps
tir
Data 5
PCA9534
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS124B – SEPTEMBER 2006 – REVISED FEBRUARY 2007
The bus master first must send the PCA9534 address with the least-significant bit set to a logic 0 (see Figure 4
for device address). The command byte is sent after the address and determines which register is accessed.
After a restart, the device address is sent again but, this time, the least-significant bit is set to a logic 1. Data
from the register defined by the command byte then is sent by the PCA9534 (see Figure 8 and Figure 9). After a
restart, the value of the register defined by the command byte matches the register being accessed when the
restart occurred. Data is clocked into the register on the rising edge of the ACK clock pulse. There is no
limitation on the number of data bytes received in one read transmission, but when the final byte is received, the
bus master must not acknowledge the data.
Figure 8. Read From Register
<br/>
A.
This figure assumes that the command byte has previously been programmed with 00h.
B.
Transfer of data can be stopped at any moment by a stop condition.
C.
This figure eliminates the command byte transfer, a restart and slave address call between the initial slave address
call and the actual data transfer from the P Port. See Figure 8 for these details.
Figure 9. Read Input Port Register
9
Submit Documentation Feedback


Similar Part No. - PCA9534DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9534DB TI1-PCA9534DB Datasheet
1Mb / 40P
[Old version datasheet]   Interrupt Output and Configuration Registers
PCA9534DBR TI1-PCA9534DBR Datasheet
1Mb / 40P
[Old version datasheet]   Interrupt Output and Configuration Registers
More results

Similar Description - PCA9534DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com