Electronic Components Datasheet Search |
|
PCA9544ARGWR Datasheet(PDF) 11 Page - Texas Instruments |
|
PCA9544ARGWR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 27 page www.ti.com Electrical Characteristics PCA9544A 4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC SCPS146C – OCTOBER 2005 – REVISED OCTOBER 2006 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT VPOR Power-on reset voltage(2) No load, VI = VCC or GND VPOR 1.7 2.1 V 5 V 3.6 4.5 V to 5.5 V 2.6 4.5 3.3 V 1.9 Vpass Switch output voltage VSWin = VCC, ISWout = –100 µA V 3 V to 3.6 V 1.6 2.8 2.5 V 1.5 2.3 V to 2.7 V 1.1 2 IOH INT VO = VCC 2.3 V to 5.5 V 10 µA VOL = 0.4 V 3 7 SCL, SDA IOL VOL = 0.6 V 2.3 V to 5.5 V 6 10 mA INT VOL = 0.4 V 3 7 SCL, SDA ±1 SC3–SC0, SD3–SD0 ±1 II VI = VCC or GND 2.3 V to 5.5 V µA A2–A0 ±1 INT3–INT0 ±1 5.5 V 3 12 Operating mode fSCL = 100 kHz VI = VCC or GND, IO = 0 3.6 V 3 11 2.7 V 3 10 5.5 V 0.3 1 ICC Low inputs VI = GND, IO = 0 3.6 V 0.1 1 µA 2.7 V 0.1 1 Standby mode 5.5 V 0.3 1 High inputs VI = VCC, IO = 0 3.6 V 0.1 1 2.7 V 0.1 1 One INT3–INT0 input at 0.6 V, 8 15 Other inputs at VCC or GND INT3–INT0 One INT3–INT0 input at VCC – 0.6 V, 8 15 Other inputs at VCC or GND Supply-current ∆I CC 2.3 V to 5.5 V µA change SCL or SDA input at 0.6 V, 8 15 Other inputs at VCC or GND SCL, SDA SCL or SDA inputs at VCC – 0.6 V, 8 15 Other inputs at VCC or GND A2–A0 4.5 6 Ci VI = VCC or GND 2.3 V to 5.5 V pF INT3–INT0 4.5 6 SCL, SDA 15 19 Cio(OFF)(3) VI = VCC or GND, Switch OFF 2.3 V to 5.5 V pF SC3–SC0, SD3–SD0 6 8 4.5 V to 5.5 V 4 9 16 VO = 0.4 V, IO = 15 mA RON Switch-on resistance 3 V to 3.6 V 5 11 20 Ω VO = 0.4 V, IO = 10 mA 2.3 V to 2.7 V 7 16 45 (1) All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC), TA = 25°C. (2) The power-on reset circuit resets the I2C bus logic with VCC < VPOR. VCC must be lowered to 0.2 V to reset the device. (3) Cio(ON) depends on internal capacitance and external capacitance added to the SCn lines when channels(s) are ON. 11 Submit Documentation Feedback |
Similar Part No. - PCA9544ARGWR |
|
Similar Description - PCA9544ARGWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |