Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9545ARGWR Datasheet(PDF) 10 Page - Texas Instruments

Part # PCA9545ARGWR
Description  4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9545ARGWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9545ARGWR Datasheet HTML 6Page - Texas Instruments PCA9545ARGWR Datasheet HTML 7Page - Texas Instruments PCA9545ARGWR Datasheet HTML 8Page - Texas Instruments PCA9545ARGWR Datasheet HTML 9Page - Texas Instruments PCA9545ARGWR Datasheet HTML 10Page - Texas Instruments PCA9545ARGWR Datasheet HTML 11Page - Texas Instruments PCA9545ARGWR Datasheet HTML 12Page - Texas Instruments PCA9545ARGWR Datasheet HTML 13Page - Texas Instruments PCA9545ARGWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
PCA9545A
4-CHANNEL I2C AND SMBus SWITCH
WITH INTERRUPT LOGIC AND RESET FUNCTIONS
SCPS147C – OCTOBER 2005 – REVISED OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
II
Input current
±20
mA
IO
Output current
±25
mA
Continuous current through VCC
±100
mA
Continuous current through GND
±100
mA
DGV package
92
DW package
58
GQN/ZQN package
78
θ
JA
Package thermal impedance(3)
°C/W
PW package
83
RGW package
TBD
RGY package
47
Ptot
Total power dissipation
400
mW
Tstg
Storage temperature range
–65
150
°C
TA
Operating free-air temperature range
–40
85
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
SCL, SDA
0.7
× V
CC
6
VIH
High-level input voltage
V
A1, A0, INT3–INT0, RESET
0.7
× V
CC
VCC + 0.5
SCL, SDA
–0.5
0.3
× V
CC
VIL
Low-level input voltage
V
A1, A0, INT3–INT0, RESET
–0.5
0.3
× V
CC
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
10
Submit Documentation Feedback


Similar Part No. - PCA9545ARGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9545ARGYR TI1-PCA9545ARGYR Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
PCA9545ARGYRG4 TI1-PCA9545ARGYRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
More results

Similar Description - PCA9545ARGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Texas Instruments
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com