Electronic Components Datasheet Search |
|
PCA9544APWT Datasheet(PDF) 5 Page - Texas Instruments |
|
|
PCA9544APWT Datasheet(HTML) 5 Page - Texas Instruments |
5 / 27 page www.ti.com Device Address 1 1 1 0 A1 A2 A0 Slave Address R/W Fixed Hardware Selectable Control Register Interrupt Bits (Read Only) Channel-Selection Bits (Read/Write) Enable Bit INT3 INT2 INT1 INT0 B2 B1 B0 7 6 5 4 3 2 1 0 X INT1 INT3 INT2 INT0 Control Register Definition PCA9544A 4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC SCPS146C – OCTOBER 2005 – REVISED OCTOBER 2006 Following a start condition, the bus master must output the address of the slave it is accessing. The address of the PCA9544A is shown in Figure 1. To conserve power, no internal pullup resistors are incorporated on the hardware-selectable address pins, and they must be pulled high or low. Figure 1. PCA9544A Address The last bit of the slave address defines the operation to be performed. When set to a logic 1, a read is selected, while a logic 0 selects a write operation. Following the successful acknowledgment of the slave address, the bus master sends a byte to the PCA9544A, which is stored in the control register. If multiple bytes are received by the PCA9544A, it saves the last byte received. This register can be written and read via the I2C bus. Figure 2. Control Register One or several SCn/SDn downstream pairs, or channels, are selected by the contents of the control register (see Table 1). This register is written after the PCA9544A has been addressed. The three LSBs of the control byte are used to determine which channel (or channels) is to be selected. When a channel is selected, the channel becomes active after a stop condition has been placed on the I2C bus. This ensures that all SCn/SDn lines are in a high state when the channel is made active, so that no false conditions are generated at the time of connection. A stop condition always must occur right after the acknowledge cycle. 5 Submit Documentation Feedback |
Similar Part No. - PCA9544APWT |
|
Similar Description - PCA9544APWT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |