Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC595 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC595
Description  8-Bit Shift Registers with Output Latches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC595 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC595_04 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC595_04 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC595_04 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC595_04 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC595_04 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC595_04 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC595_04 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC595_04 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC595_04 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2004 Fairchild Semiconductor Corporation
DS005342
www.fairchildsemi.com
September 1983
Revised July 2004
MM74HC595
8-Bit Shift Registers with Output Latches
General Description
The
MM74HC595
high
speed
shift
register
utilizes
advanced silicon-gate CMOS technology. This device pos-
sesses the high noise immunity and low power consump-
tion of standard CMOS integrated circuits, as well as the
ability to drive 15 LS-TTL loads.
This device contains an 8-bit serial-in, parallel-out shift reg-
ister that feeds an 8-bit D-type storage register. The stor-
age register has 8 3-STATE outputs. Separate clocks are
provided for both the shift register and the storage register.
The shift register has a direct-overriding clear, serial input,
and serial output (standard) pins for cascading. Both the
shift register and storage register use positive-edge trig-
gered clocks. If both clocks are connected together, the
shift register state will always be one clock pulse ahead of
the storage register.
The 74HC logic family is speed, function, and pin-out com-
patible with the standard 74LS logic family. All inputs are
protected from damage due to static discharge by internal
diode clamps to VCC and ground.
Features
s Low quiescent current: 80
µA maximum (74HC Series)
s Low input current: 1
µA maximum
s 8-bit serial-in, parallel-out shift register with storage
s Wide operating voltage range: 2V–6V
s Cascadable
s Shift register has direct clear
s Guaranteed shift frequency: DC to 30 MHz
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Truth Table
Order Number
Package Number
Package Description
MM74HC595M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC595SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC595MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC595N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
RCK
SCK
SCLR
G
Function
XX
X
H
QA thru QH = 3-STATE
X
X
L
L
Shift Register cleared
Q’H = 0
X
H
L
Shift Register clocked
QN = Qn-1, Q0 = SER
X
H
L
Contents of Shift
Register transferred
to output latches


Similar Part No. - MM74HC595_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC595M FAIRCHILD-MM74HC595M Datasheet
93Kb / 10P
   8-Bit Shift Registers with Output Latches
logo
ON Semiconductor
MM74HC595M ONSEMI-MM74HC595M Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
logo
Fairchild Semiconductor
MM74HC595MTC FAIRCHILD-MM74HC595MTC Datasheet
93Kb / 10P
   8-Bit Shift Registers with Output Latches
logo
ON Semiconductor
MM74HC595MTC ONSEMI-MM74HC595MTC Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
MM74HC595MTCX ONSEMI-MM74HC595MTCX Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
More results

Similar Description - MM74HC595_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC595 FAIRCHILD-MM74HC595 Datasheet
93Kb / 10P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS594 TI-SN54LS594 Datasheet
165Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
logo
National Semiconductor ...
MM54HC595 NSC-MM54HC595 Datasheet
186Kb / 8P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS595 TI-SN54LS595_07 Datasheet
1Mb / 24P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS595 TI-SN54LS595 Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS594 TI1-SN54LS594_09 Datasheet
396Kb / 7P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
logo
Tiger Electronic Co.,Lt...
74HC595D TGS-74HC595D Datasheet
219Kb / 9P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS597 TI-SN54LS597 Datasheet
345Kb / 10P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
logo
Fairchild Semiconductor
MM74HC597 FAIRCHILD-MM74HC597_04 Datasheet
91Kb / 8P
   8-Bit Shift Registers with Input Latches
logo
Texas Instruments
SN54LS597 TI1-SN54LS597_15 Datasheet
674Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com