Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4069UBF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4069UBF
Description  Hex inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4069UBF Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4069UBF Datasheet HTML 1Page - NXP Semiconductors HEF4069UBF Datasheet HTML 2Page - NXP Semiconductors HEF4069UBF Datasheet HTML 3Page - NXP Semiconductors HEF4069UBF Datasheet HTML 4Page - NXP Semiconductors HEF4069UBF Datasheet HTML 5Page - NXP Semiconductors HEF4069UBF Datasheet HTML 6Page - NXP Semiconductors HEF4069UBF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
January 1995
3
Philips Semiconductors
Product specification
Hex inverter
HEF4069UB
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP. MAX.
TYPICAL EXTRAPOLATION FORMULA
Propagation delays
5
45
90 ns
18 ns
+ (0,55 ns/pF) CL
In → On
10
tPHL
20
40 ns
9 ns
+ (0,23 ns/pF) CL
HIGH to LOW
15
15
25 ns
7 ns
+ (0,16 ns/pF) CL
540
80 ns
13 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
20
40 ns
9 ns
+ (0,23 ns/pF) CL
15
15
30 ns
7 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
600 fi +∑ (foCL) × VDD2
where
dissipation per
10
4 000 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
22 000 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4069UBF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4069UB NXP-HEF4069UB Datasheet
128Kb / 17P
   Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
HEF4069UB-Q100 NEXPERIA-HEF4069UB-Q100 Datasheet
741Kb / 16P
   Hex inverter
logo
NXP Semiconductors
HEF4069UBP NXP-HEF4069UBP Datasheet
128Kb / 17P
   Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
HEF4069UBT NXP-HEF4069UBT Datasheet
128Kb / 17P
   Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
More results

Similar Description - HEF4069UBF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com