Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4077B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4077B
Description  Quadruple exclusive-NOR gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4077B Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4077B Datasheet HTML 1Page - NXP Semiconductors HEF4077B Datasheet HTML 2Page - NXP Semiconductors HEF4077B Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
January 1995
3
Philips Semiconductors
Product specification
Quadruple exclusive-NOR gate
HEF4077B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP. MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
An,Bn → On
5
75
150
ns
48 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
30
55
ns
22 ns
+ (0,16 ns/pF) CL
5
70
145
ns
43 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
30
60
ns
19 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL
Output transition
times
5
60
120
ns
10 ns
+ (1,0 ns/pF) C
L
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P(
µW)
Dynamic power
5
850 fi +∑ (foCL) × VDD2
where
dissipation per
10
4 500 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
14 700 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4077B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4077B NEXPERIA-HEF4077B Datasheet
164Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
Rev. 6 - 14 March 2017
HEF4077B-Q100 NEXPERIA-HEF4077B-Q100 Datasheet
165Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
HEF4077BT NEXPERIA-HEF4077BT Datasheet
164Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
Rev. 6 - 14 March 2017
More results

Similar Description - HEF4077B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14070B HITACHI-HD14070B Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
logo
Texas Instruments
74ACT11810 TI1-74ACT11810 Datasheet
92Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATE
SN54S135 TI-SN54S135 Datasheet
64Kb / 3P
[Old version datasheet]   QUADRUPLE EXCLUSIVE-OR/NOR GATES
SN54S135 TI1-SN54S135_14 Datasheet
256Kb / 8P
[Old version datasheet]   QUADRUPLE EXCLUSIVE- OR/NOR GATES
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
107Kb / 7P
   QUAD EXCLUSIVE NOR GATE
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP Datasheet
179Kb / 4P
   QUAD EXCLUSIVE NOR GATE
logo
STMicroelectronics
M74HC7266 STMICROELECTRONICS-M74HC7266 Datasheet
174Kb / 9P
   QUAD EXCLUSIVE NOR GATE
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP_07 Datasheet
225Kb / 7P
   Quad Exclusive NOR Gate
logo
NXP Semiconductors
HEF4030B PHILIPS-HEF4030B Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
HEF4070B PHILIPS-HEF4070B Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com