Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC4T245PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC4T245PW
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T245PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AVC4T245PW Datasheet HTML 5Page - Texas Instruments SN74AVC4T245PW Datasheet HTML 6Page - Texas Instruments SN74AVC4T245PW Datasheet HTML 7Page - Texas Instruments SN74AVC4T245PW Datasheet HTML 8Page - Texas Instruments SN74AVC4T245PW Datasheet HTML 9Page - Texas Instruments SN74AVC4T245PW Datasheet HTML 10Page - Texas Instruments SN74AVC4T245PW Datasheet HTML 11Page - Texas Instruments SN74AVC4T245PW Datasheet HTML 12Page - Texas Instruments SN74AVC4T245PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN74AVC4T245
4BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES576A – JUNE 2004 – REVISED APRIL 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 3.3 V ± 0.3 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.9
0.1
5.6
0.1
4.5
0.1
3.3
0.1
2.9
ns
tPHL
A
B
2.9
0.1
5.6
0.1
4.5
0.1
3.3
0.1
2.9
ns
tPLH
B
A
2.6
0.6
4.2
0.4
3.4
0.2
3
0.1
2.8
ns
tPHL
B
A
2.6
0.6
4.2
0.4
3.4
0.2
3
0.1
2.8
ns
tPZH
OE
A
3.8
0.6
8.7
0.6
5.2
0.6
3.8
0.4
3.8
ns
tPZL
OE
A
3.8
0.6
8.7
0.6
5.2
0.6
3.8
0.4
3.8
ns
tPZH
OE
B
3.7
0.8
8.7
0.6
6.8
0.5
4.7
0.5
3.8
ns
tPZL
OE
B
3.7
0.8
8.7
0.6
6.8
0.5
4.7
0.5
3.8
ns
tPHZ
OE
A
4.8
0.7
9.3
0.7
8.3
0.7
5.6
0.7
6.6
ns
tPLZ
OE
A
4.8
0.7
9.3
0.7
8.3
0.7
5.6
0.7
6.6
ns
tPHZ
OE
B
5.3
1.4
9.3
1.2
8.1
1
6.4
0.8
6.2
ns
tPLZ
OE
B
5.3
1.4
9.3
1.2
8.1
1
6.4
0.8
6.2
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCCA =
VCCB = 1.2 V
VCCA =
VCCB = 1.5 V
VCCA =
VCCB = 1.8 V
VCCA =
VCCB = 2.5 V
VCCA =
VCCB = 3.3 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
A to B
Outputs
Enabled
1
1
1
1.5
2
CpdA†
A to B
Outputs
Disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdA†
B to A
Outputs
Enabled
f = 10 MHz,
tr = tf =1 ns
12
12.5
13
14
15
pF
B to A
Outputs
Disabled
1
1
1
1
1
A to B
Outputs
Enabled
12
12.5
13
14
15
CpdB†
A to B
Outputs
Disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdB†
B to A
Outputs
Enabled
L
f = 10 MHz,
tr = tf =1 ns
1
1
1
1
2
pF
B to A
Outputs
Disabled
1
1
1
1
1
† Power dissipation capacitance per transceiver


Similar Part No. - SN74AVC4T245PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T245PW TI-SN74AVC4T245PW Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245PW TI-SN74AVC4T245PW Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245PW TI1-SN74AVC4T245PW Datasheet
1Mb / 35P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245PW TI1-SN74AVC4T245PW Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245PWE4 TI-SN74AVC4T245PWE4 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC4T245PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com